Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C165-LF3V Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAB-C165-LF3V
Description  16-Bit Single-Chip Microcontroller
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C165-LF3V Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAB-C165-LF3V Datasheet HTML 7Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 8Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 9Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 10Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 11Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 12Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 13Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 14Page - Infineon Technologies AG SAB-C165-LF3V Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
C165
Data Sheet
7
V2.0, 2000-12
P4
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
P4.6
P4.7
23
24
25
26
29
30
31
32
25
26
27
28
31
32
33
34
IO
O
O
O
O
O
O
O
O
Port 4 is an 8-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits.
For a pin configured as input, the output driver is put
into high-impedance state. Port 4 can be used to
output the segment address lines:
A16 Least Significant Segment Address Line
A17 Segment Address Line
A18 Segment Address Line
A19 Segment Address Line
A20 Segment Address Line
A21 Segment Address Line
A22 Segment Address Line
A23 Most Significant Segment Address Line
RD
33
35
O
External Memory Read Strobe. RD is activated for
every external instruction or data read access.
WR/
WRL
34
36
O
External Memory Write Strobe. In WR-mode this pin
is activated for every external data write access. In
WRL-mode this pin is activated for low byte data
write accesses on a 16-bit bus, and for every data
write access on an 8-bit bus. See WRCFG in register
SYSCON for mode selection.
READY 35
37
I
Ready Input. When the Ready function is enabled, a
high level at this pin during an external memory
access will force the insertion of memory cycle
waitstates until the pin returns to a low level.
An internal pullup device holds this pin high when
nothing is driving it.
ALE
36
38
O
Address Latch Enable Output. Can be used for
latching the address into external memory or an
address latch in the multiplexed bus modes.
EA
37
39
I
External Access Enable pin. A low level at this pin
during and after Reset forces the C165 to begin
instruction execution out of external memory. A high
level forces execution out of the internal program
memory.
“ROMless” versions must have this pin tied to ‘0’.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin Nr
TQFP
Pin Nr
MQFP
Input
Outp.
Function


Similar Part No. - SAB-C165-LF3V

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C165-LM SIEMENS-SAB-C165-LM Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
More results

Similar Description - SAB-C165-LF3V

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com