Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS4141D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BTS4141D
Description  Smart High-Side Power Switch 1 Channel: 1 x 200m?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS4141D Datasheet(HTML) 3 Page - Infineon Technologies AG

  BTS4141D Datasheet HTML 1Page - Infineon Technologies AG BTS4141D Datasheet HTML 2Page - Infineon Technologies AG BTS4141D Datasheet HTML 3Page - Infineon Technologies AG BTS4141D Datasheet HTML 4Page - Infineon Technologies AG BTS4141D Datasheet HTML 5Page - Infineon Technologies AG BTS4141D Datasheet HTML 6Page - Infineon Technologies AG BTS4141D Datasheet HTML 7Page - Infineon Technologies AG BTS4141D Datasheet HTML 8Page - Infineon Technologies AG BTS4141D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2004-01-27
Page 3
BTS 4141D
Maximum Ratings
Parameter
at Tj = 25°C, unless otherwise specified
Symbol
Value
Unit
Supply voltage
Vbb
-0,31)...48
V
Continuous input voltage2)
VIN
-10...Vbb
Load current (Short - circuit current, see page 5) IL
self limited
A
Current through input pin (DC)
IIN
±5
mA
Reverse current through GND-pin3)
-IGND
-0.5
A
Operating temperature
Tj
internal limited
°C
Storage temperature
Tstg
-55 ... +150
Power dissipation 4)
Ptot
1.4
W
Inductive load switch-off energy dissipation4)5)
single pulse
Tj = 125 °C, IL = 0.5 A
EAS
12
J
Load dump protection5) VLoadDump6)= VA + VS
RI=2Ω, td=400ms, VIN= low or high, VA=13,5V
RL = 47 Ω
VLoaddump
83
V
Electrostatic discharge voltage (Human Body Model)
according to ANSI EOS/ESD - S5.1 - 1993
ESD STM5.1 - 1998
Input pin
All other pins
VESD
±1
±5
kV
1defined by Ptot
2At VIN > Vbb, the input current is not allowed to exceed ±5 mA.
3defined by Ptot
4Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for Vbb
connection. PCB is vertical without blown air.
5not subject to production test, specified by design
6VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839 .
Supply voltages higher than Vbb(AZ) require an external current limit for the GND pin, e.g. with a
150
Ω resistor in GND connection. A resistor for the protection of the input is integrated.


Similar Part No. - BTS4141D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
More results

Similar Description - BTS4141D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
   Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com