Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-A125 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M24C16-A125
Description  Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-A125 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M24C16-A125 Datasheet HTML 5Page - STMicroelectronics M24C16-A125 Datasheet HTML 6Page - STMicroelectronics M24C16-A125 Datasheet HTML 7Page - STMicroelectronics M24C16-A125 Datasheet HTML 8Page - STMicroelectronics M24C16-A125 Datasheet HTML 9Page - STMicroelectronics M24C16-A125 Datasheet HTML 10Page - STMicroelectronics M24C16-A125 Datasheet HTML 11Page - STMicroelectronics M24C16-A125 Datasheet HTML 12Page - STMicroelectronics M24C16-A125 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID025622 Rev 5
9/37
M24C16-A125
Device operation
36
3
Device operation
The device supports the I2C protocol (see Figure 3).
The I2C bus is controlled by the bus master and the device is always a slave in all
communications.
The device (bus master or a slave) that sends data on to the bus is defined as a transmitter;
the device (bus master or a slave) is defined as a receiver when reading the data.
Figure 3. I2C bus protocol


Similar Part No. - M24C16-A125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-125 STMICROELECTRONICS-M24C16-125 Datasheet
261Kb / 30P
   Automotive 16-Kbit, 8-Kbit, 4-Kbit and 2-Kbit serial I짼C bus EEPROM
M24C16-BN3T STMICROELECTRONICS-M24C16-BN3T Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C16-BN3T/G STMICROELECTRONICS-M24C16-BN3T/G Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C16-BN3T/W STMICROELECTRONICS-M24C16-BN3T/W Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M24C16-BN3TG STMICROELECTRONICS-M24C16-BN3TG Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
More results

Similar Description - M24C16-A125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-A125 STMICROELECTRONICS-M24128-A125 Datasheet
606Kb / 40P
   Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
M24C08-A125 STMICROELECTRONICS-M24C08-A125 Datasheet
605Kb / 39P
   Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
   Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
M24C02-A125 STMICROELECTRONICS-M24C02-A125 Datasheet
604Kb / 39P
   Automotive 2-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
   Automotive 4-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24256-A125 STMICROELECTRONICS-M24256-A125 Datasheet
606Kb / 40P
   Automotive 256-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 4
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
   Automotive 512-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24M01-A125 STMICROELECTRONICS-M24M01-A125 Datasheet
628Kb / 37P
   Automotive 1-Mbit serial IC bus EEPROM with 1 MHz clock
February 2014 Rev 4
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
   Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
September 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com