Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-DRMN8TP Datasheet(PDF) 1 Page - STMicroelectronics

Part # M24C16-DRMN8TP
Description  16-Kbit serial IC bus EEPROM - 105C operation
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRMN8TP Datasheet(HTML) 1 Page - STMicroelectronics

  M24C16-DRMN8TP Datasheet HTML 1Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 2Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 3Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 4Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 5Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 6Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 7Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 8Page - STMicroelectronics M24C16-DRMN8TP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
This is information on a product in full production.
January 2015
DocID027242 Rev 1
1/39
1
M24C16-DRE
16-Kbit serial I²C bus EEPROM - 105°C operation
Datasheet
- production data
Features
• Compatible with all I2C bus modes
–1 MHz
–400 kHz
–100 kHz
• Memory array
– 16 Kbits (2 Kbytes) of EEPROM
– Page size: 16 bytes
– Additional Write lockable page
(Identification page)
• Extended temperature and voltage ranges
– -40 °C to 105 °C; 1.8 V to 5.5 V
• Schmitt trigger inputs for noise filtering
• Short Write cycle time
– Byte Write within 4 ms
– Page Write within 4 ms
• Write cycle endurance
– 4 million Write cycles at 25 °C
– 1.2 million Write cycles at 85 °C
– 900 k Write cycles at 105 °C
• Data retention
– more than 50 years at 105 °C
– 200 years at 55 °C
• ESD Protection (Human Body Model)
– 4000 V
• Packages
– RoHS compliant and halogen-free
(ECOPACK2®)
SO8 (MN)
TSSOP8 (DW)
WFDFPN8 (MF)
2 x 3 mm
169 mil width
150 mil width
www.st.com


Similar Part No. - M24C16-DRMN8TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-DRMN3TG STMICROELECTRONICS-M24C16-DRMN3TG Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
M24C16-DRMN3TP STMICROELECTRONICS-M24C16-DRMN3TP Datasheet
589Kb / 37P
   Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C16-DRMN8TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-DRE STMICROELECTRONICS-M24C08-DRE Datasheet
1Mb / 41P
   8-Kbit serial IC bus EEPROM - 105C operation
M24512-DRE STMICROELECTRONICS-M24512-DRE Datasheet
1Mb / 41P
   512-Kbit serial IC bus EEPROM - 105C operation
M24C02-DRE STMICROELECTRONICS-M24C02-DRE Datasheet
1Mb / 41P
   2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
   4-Kbit serial IC bus EEPROM - 105C operation
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
   32-Kbit serial IC bus EEPROM - 105C operation
M24C64-DRE STMICROELECTRONICS-M24C64-DRE Datasheet
1Mb / 41P
   64-Kbit serial IC bus EEPROM - 105C operation
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
   64-Kbit serial SPI bus EEPROM - 105C operation
M95160-DRE STMICROELECTRONICS-M95160-DRE Datasheet
736Kb / 40P
   16-Kbit serial SPI bus EEPROM - 105 C Operation
M24C32-FDW5TP STMICROELECTRONICS-M24C32-FDW5TP Datasheet
581Kb / 42P
   32-Kbit serial IC bus EEPROM
M24C04-RMN6P STMICROELECTRONICS-M24C04-RMN6P Datasheet
628Kb / 34P
   4-Kbit serial IC bus EEPROM
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com