Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C16-DRMN3TG Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C16-DRMN3TG
Description  Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRMN3TG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C16-DRMN3TG Datasheet HTML 2Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 3Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 4Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 5Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 6Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 7Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 8Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 9Page - STMicroelectronics M24C16-DRMN3TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Description
M24C16-A125
6/37
DocID025622 Rev 5
1
Description
The M24C16-A125 is a 16-Kbit serial EEPROM Automotive grade device operating up to
125 °C. The M24C16-A125 is compliant with the very high level of reliability defined by the
Automotive standard AEC-Q100 grade 1.
The device is accessed by a simple serial I2C compatible interface running up to 1 MHz.
The memory array is based on advanced true EEPROM technology (electrically erasable
programmable memory). The M24C16-A125 is a byte-alterable memory (2048 × 8 bits)
organized as 128 pages of 16 bytes in which the data integrity is significantly improved with
an embedded Error Correction Code logic.
The M24C16-A125 offers an additional Identification Page (16 bytes) in which the ST device
identification can be read. This page can also be used to store sensitive application
parameters which can be later permanently locked in read-only mode.
Figure 1. Logic diagram


Similar Part No. - M24C16-DRMN3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C16-DRMN8TG STMICROELECTRONICS-M24C16-DRMN8TG Datasheet
1Mb / 39P
   16-Kbit serial IC bus EEPROM - 105C operation
M24C16-DRMN8TP STMICROELECTRONICS-M24C16-DRMN8TP Datasheet
1Mb / 39P
   16-Kbit serial IC bus EEPROM - 105C operation
More results

Similar Description - M24C16-DRMN3TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128-A125 STMICROELECTRONICS-M24128-A125 Datasheet
606Kb / 40P
   Automotive 128-Kbit serial IC bus EEPROM with 1 MHz clock
M24C08-A125 STMICROELECTRONICS-M24C08-A125 Datasheet
605Kb / 39P
   Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
   Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
M24C02-A125 STMICROELECTRONICS-M24C02-A125 Datasheet
604Kb / 39P
   Automotive 2-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24C04-A125 STMICROELECTRONICS-M24C04-A125 Datasheet
604Kb / 39P
   Automotive 4-Kbit serial I짼C bus EEPROM with 1 MHz clock
January 2015 Rev 4
M24256-A125 STMICROELECTRONICS-M24256-A125 Datasheet
606Kb / 40P
   Automotive 256-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 4
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
   Automotive 512-Kbit serial I짼C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24M01-A125 STMICROELECTRONICS-M24M01-A125 Datasheet
628Kb / 37P
   Automotive 1-Mbit serial IC bus EEPROM with 1 MHz clock
February 2014 Rev 4
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
   Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
September 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com