Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS4880R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BTS4880R
Description  Smart Power High-Side-Switch Eight Channels: 8 x 200 m?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS4880R Datasheet(HTML) 5 Page - Infineon Technologies AG

  BTS4880R Datasheet HTML 1Page - Infineon Technologies AG BTS4880R Datasheet HTML 2Page - Infineon Technologies AG BTS4880R Datasheet HTML 3Page - Infineon Technologies AG BTS4880R Datasheet HTML 4Page - Infineon Technologies AG BTS4880R Datasheet HTML 5Page - Infineon Technologies AG BTS4880R Datasheet HTML 6Page - Infineon Technologies AG BTS4880R Datasheet HTML 7Page - Infineon Technologies AG BTS4880R Datasheet HTML 8Page - Infineon Technologies AG BTS4880R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2004-01-27
Page 5
BTS 4880 R
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = -25...125°C, Vbb=15...30V, unless otherwise specified
min.
typ.
max.
Thermal Characteristics
Thermal resistance junction - case
RthJC
-
-
1.5
K/W
Thermal resistance @ min. footprint
Rth(JA)
-
-
50
Thermal resistance @ 6 cm2 cooling area 1)
Rth(JA)
-
-
38
Load Switching Capabilities and Characteristics
On-state resistance
Tj = 25 °C, IL = 0.5 A
Tj = 125 °C
RON
-
-
150
270
200
320
m
Turn-on time
to 90% VOUT
RL = 47 Ω, VIN = 0 to 10 V
ton
-
50
100
µs
Turn-off time
to 10% VOUT
RL = 47 Ω, VIN = 10 to 0 V
toff
-
75
150
Slew rate on
10 to 30% VOUT,
RL = 47 Ω, Vbb = 15 V
dV/dton
-
1
2
V/µs
Slew rate off
70 to 40% VOUT,
RL = 47 Ω, Vbb = 15 V
-dV/dtoff
-
1
2
1 Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm2 (one layer, 70µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - BTS4880R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4880R INFINEON-BTS4880R Datasheet
441Kb / 23P
   Smart Power High-Side-Switch
Rev. 1.1, 2007-10-18
BTS4880R INFINEON-BTS4880R Datasheet
759Kb / 24P
   Smart Power High-Side Switch
Rev. 1.2, 2014-12-15
BTS4880R INFINEON-BTS4880R_07 Datasheet
441Kb / 23P
   Smart Power High-Side-Switch
Rev. 1.1, 2007-10-18
BTS4880R INFINEON-BTS4880R_15 Datasheet
759Kb / 24P
   Smart Power High-Side Switch
Rev. 1.2, 2014-12-15
More results

Similar Description - BTS4880R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS4H000-Q1 TI1-TPS4H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
logo
Infineon Technologies A...
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
logo
Texas Instruments
TPS2H000-Q1 TI1-TPS2H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
logo
Infineon Technologies A...
BTS5235G INFINEON-BTS5235G Datasheet
638Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS5236-2GS INFINEON-BTS5236-2GS Datasheet
750Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
V 1.1, July 2007
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com