Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS4880R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS4880R
Description  Smart Power High-Side-Switch Eight Channels: 8 x 200 m?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS4880R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS4880R Datasheet HTML 2Page - Infineon Technologies AG BTS4880R Datasheet HTML 3Page - Infineon Technologies AG BTS4880R Datasheet HTML 4Page - Infineon Technologies AG BTS4880R Datasheet HTML 5Page - Infineon Technologies AG BTS4880R Datasheet HTML 6Page - Infineon Technologies AG BTS4880R Datasheet HTML 7Page - Infineon Technologies AG BTS4880R Datasheet HTML 8Page - Infineon Technologies AG BTS4880R Datasheet HTML 9Page - Infineon Technologies AG BTS4880R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
2004-01-27
Page 6
BTS 4880 R
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj = -25...125°C, Vbb=15...30V, unless otherwise specified
min.
typ.
max.
Operating Parameters
Operating voltage
Vbb(on)
11
-
45
V
Undervoltage shutdown
Vbb(under)
7
-
10.5
Undervoltage restart
Vbb(u rst)
-
-
11
Undervoltage hysteresis
∆Vbb(under) = Vbb(u rst) - Vbb(under)
∆Vbb(under)
-
0.5
-
Standby current
Ibb(off)
-
50
150
µA
Operating current1)
IGND
-
5
12
mA
Leakage output current (included in Ibb(off))
VIN = low , each channel
IL(off)
-
5
10
µA
Protection Functions2)
Initial peak short circuit current limit
Tj = -25 °C, Vbb = 30 V, tm = 700 µs
Tj = 25 °C
Tj = 125 °C
IL(SCp)
-
-
0.7
-
1.4
-
1.9
-
-
A
Repetitive short circuit current limit
Tj = Tjt (see timing diagrams)
IL(SCr)
-
1.1
-
Output clamp (inductive load switch off)
at VOUT = Vbb - VON(CL),
VON(CL)
47
53
60
V
Overvoltage protection 3)
Vbb(AZ)
47
-
-
Thermal overload trip temperature4)
Tjt
135
-
-
°C
Thermal hysteresis
∆Tjt
-
10
-
K
1contains all input currents
2Integrated protection functions are designed to prevent IC destruction under fault conditions
described in the data sheet. Fault conditions are considered as "outside" normal operating range.
Protection functions are not designed for continuous repetitive operation.
3 see also VON(CL) in circuit diagram on page 10
4 higher operating temperature at normal function for each channel available


Similar Part No. - BTS4880R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4880R INFINEON-BTS4880R Datasheet
441Kb / 23P
   Smart Power High-Side-Switch
Rev. 1.1, 2007-10-18
BTS4880R INFINEON-BTS4880R Datasheet
759Kb / 24P
   Smart Power High-Side Switch
Rev. 1.2, 2014-12-15
BTS4880R INFINEON-BTS4880R_07 Datasheet
441Kb / 23P
   Smart Power High-Side-Switch
Rev. 1.1, 2007-10-18
BTS4880R INFINEON-BTS4880R_15 Datasheet
759Kb / 24P
   Smart Power High-Side Switch
Rev. 1.2, 2014-12-15
More results

Similar Description - BTS4880R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS4H000-Q1 TI1-TPS4H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Quad Channels Smart High-Side Power Switch
logo
Infineon Technologies A...
BTS5235L INFINEON-BTS5235L Datasheet
640Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
logo
Texas Instruments
TPS2H000-Q1 TI1-TPS2H000-Q1 Datasheet
153Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
TPS2H160-Q1 TI1-TPS2H160-Q1 Datasheet
158Kb / 6P
[Old version datasheet]   Dual Channels Smart High-Side Power Switch
logo
Infineon Technologies A...
BTS5235G INFINEON-BTS5235G Datasheet
638Kb / 30P
   Smart High-Side Power Switch PROFET Two Channels, 60 m?
V1.0, Dec 2005
BTS5231GS INFINEON-BTS5231GS Datasheet
669Kb / 28P
   Smart High-Side Power Switch PROFET Two Channels, 140 m?
V1.0, Dec. 2005
BTS5231-2GS INFINEON-BTS5231-2GS Datasheet
840Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 140 m 廓
V1.2, Sep 2008
BTS5236-2EKA INFINEON-BTS5236-2EKA Datasheet
978Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
Rev. 1.0, Nov 2008
BTS5236-2GS INFINEON-BTS5236-2GS Datasheet
750Kb / 27P
   Smart High-Side Power Switch PROFET Two Channels, 50 m廓
V 1.1, July 2007
BTS824R INFINEON-BTS824R Datasheet
334Kb / 14P
   Smart High-Side Power Switch Four Channels: 4 x 90m??Status Feedback
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com