Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6127 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # Q67060-S6127
Description  Smart High-Side Power Switch 1 Channel: 1 x 200m?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6127 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button Q67060-S6127 Datasheet HTML 5Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 10Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 11Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 12Page - Infineon Technologies AG Q67060-S6127 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
2004-01-27
Page 9
BTS 4141N
Conducted Susceptibility
Acc. 47A/658/CD IEC 62132-4 (Direct Power Injection)
Direct Power Injection:
Forward Power CW
Failure criteria:
Amplitude and frequency deviation max. 10% at Out
Typ. Vbb-Pin Susceptibility at DC-On/Off
0
5
10
15
20
25
30
35
40
1
1 0
1 00
10 0 0
f / M H z
Lim it
VBB , O N
VBB , O F F
D e v ic e :
B T S 4 1 4 2
L o a d :
4 7 O h m s
O - M o d e :
O N / O F F / P W M
C o u p lin g P o in t:
V B B
M o n ito r in g :
O u t
M o d u la t io n :
C W
Typ. Vbb-Pin Susceptibility at PWM-Mode
0
5
10
15
20
25
30
35
40
1
1 0
1 00
10 0 0
f / M H z
Lim it
VBB , PW M
D e v ic e :
B T S 4 1 4 2
L o a d :
4 7 O h m s
O - M o d e :
O N / O F F / P W M
C o u p lin g P o in t:
V B B
M o n it o r in g :
O u t
M o d u la tio n :
C W
Test circuit:
PROFET
V
OUT
IN
bb
RL
HF
5µH
150
6,8nF
5µH
150
6,8nF
GND
RGND
For defined decoupling and high reproducibility the same choke and the same
150
Ω -matching network as for the emission measurement is used.


Similar Part No. - Q67060-S6127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6121 INFINEON-Q67060-S6121 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6128 INFINEON-Q67060-S6128 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6129 INFINEON-Q67060-S6129 Datasheet
303Kb / 17P
   TrilithIC
2003-03-11
More results

Similar Description - Q67060-S6127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
   Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com