Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67060-S6128 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67060-S6128
Description  Smart High-Side Power Switch 1 Channel: 1 x 200m?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67060-S6128 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67060-S6128 Datasheet HTML 6Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 7Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 8Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 9Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 10Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 11Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 12Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 13Page - Infineon Technologies AG Q67060-S6128 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2004-01-27
Page 10
BTS 4142N
Terms
Inductive and overvoltage output clamp
+ V bb
OUT
GND
V Z
V
ON
PROFET
V
IN
OUT
GND
bb
VIN
IIN
V
bb
Ibb
IL
VOUT
IGND
VON
RGND
VON clamped to 63 V min.
Input circuit (ESD protection)
Overvoltage protection of logic part
IN
GND
I
R
I
I
Vbb
+ Vbb
IN
GND
GND
R
Signal GND
Logic
VZ2
optional
The use of ESD zener diodes as voltage clamp
at DC conditions is not recommended
VZ2=Vbb(AZ)=47V min.,
RI=3 kΩ typ., RGND=150Ω
Reverse battery protection
GND
Logic
IN
OUT
L
R
Power GND
GND
R
Signal GND
Power
Inverse
I
R
Vbb
-
Diode
optional
RGND=150Ω, RI=3kΩ typ.,
Temperature protection is not active during inverse
current


Similar Part No. - Q67060-S6128

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67060-S6120 INFINEON-Q67060-S6120 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6127 INFINEON-Q67060-S6127 Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
Q67060-S6129 INFINEON-Q67060-S6129 Datasheet
303Kb / 17P
   TrilithIC
2003-03-11
More results

Similar Description - Q67060-S6128

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
ITS4140N INFINEON-ITS4140N Datasheet
1Mb / 18P
   Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 ?
Rev. 2.1, 2006-07-24
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com