Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T9S7241403 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # T9S7241403
Description  Phase Control Thyristor 2850 Amperes 800 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

T9S7241403 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  T9S7241403 Datasheet HTML 1Page - Powerex Power Semiconductors T9S7241403 Datasheet HTML 2Page - Powerex Power Semiconductors T9S7241403 Datasheet HTML 3Page - Powerex Power Semiconductors T9S7241403 Datasheet HTML 4Page - Powerex Power Semiconductors T9S7241403 Datasheet HTML 5Page - Powerex Power Semiconductors T9S7241403 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T9S7__1403
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, Pennsylvania 15697-1800 (724)925-7272 www.pwrx.com
1400 Amperes 3200 Volts
Electrical Characteristics, Tj=25°C unless otherwise specified
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
IDRM/IRRM Tj=125°C, VDRM=Rated
150
ma
Peak On-State Voltage
VTM
Tj=25°C, ITM=1500A
1.60
V
VTM Model, Low Level
V0
Tj=125°C
0.923
V
VTM = VO + r•ITM
r
15%
ITM - π•ITM
0.449
VTM Model, High Level
V0
Tj=125°C
1.198
V
VTM = VO + r•ITM
r
π•I
TM - ITSM
0.383
VTM Model, High Level
4-Term
A
Tj=125°C
0.456
VTM= A + B•Ln(ITM) +
B
15%ITM - ITSM
0.0696
C•(I
TM) + D•(ITM)
½
C
0.000363
D
0.00314
Turn-On Delay Time
td
VD = 0.5•VDRM
1.5
us
Gate Drive: 40V - 20Ω
Turn-Off Time
tq
Tj=125°C
400
us
dv/dt = 20V/us to 80% VDRM
Gate Trigger Current
IGT
Tj=25°C VD = 12V
30
90
200
ma
Gate Trigger Voltage
VGT
0.6
1.6
3.0
V
Peak Reverse Gate Voltage
VGRM
5
V
Thermal Characteristics
Rating
Characteristic
Symbol
Test Conditions
max
Units
Thermal Resistance
Junction to Case
jc
Double side cooled
0.0165
°C/Watt
Case to Sink
cs
Double side cooled
0.0025
°C/Watt
Thermal Impedance Model
jc
Double side cooled
jc(t) = Σ(A(N)•(1-exp(-t/Tau(N))))
where:
N =
1
2
3
4
A(N
) = 1.42E-03 2.97E-03 6.07E-03
6.00E-03
Tau(N) = 5.95E-05 2.76E-02 4.01E-01
2.00E+00
Repetitive Peak Leakage Current
Page 3 of 6


Similar Part No. - T9S7241403

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9S7241403DH POWEREX-T9S7241403DH Datasheet
282Kb / 6P
   Phase Control Thyristor
More results

Similar Description - T9S7241403

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
T9S0161803 POWEREX-T9S0161803 Datasheet
140Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00828 POWEREX-T9S00828 Datasheet
134Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
T9S00834 POWEREX-T9S00834 Datasheet
145Kb / 6P
   Phase Control Thyristor 2850 Amperes 800 Volts
TDS43040 POWEREX-TDS43040 Datasheet
192Kb / 5P
   Phase Control Thyristor 2850 Amperes 800 Volts
TAKC651103 POWEREX-TAKC651103 Datasheet
117Kb / 4P
   Phase Control Thyristor 1100 Amperes 6500 Volts
C380AX500 POWEREX-C380AX500 Datasheet
199Kb / 4P
   Phase Control SCR 310 Amperes Avg 800 Volts
C430AX500 POWEREX-C430AX500 Datasheet
248Kb / 6P
   Phase Control SCR 800 Amperes Avg 100-600 Volts
FT1000A POWEREX-FT1000A Datasheet
211Kb / 6P
   Phase Control SCR 1000 Amperes Avg 800-2500 Volts
P1Z7AAR700W POWEREX-P1Z7AAR700W Datasheet
130Kb / 6P
   Phase Control Modules (345-800 Amperes/400-3000 Volts)
FT500A POWEREX-FT500A Datasheet
222Kb / 6P
   Phase Control SCR 400 Amperes Avg 800-2500 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com