Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC204024 Datasheet(PDF) 5 Page - Powerex Power Semiconductors

Part # TC204024
Description  Phase Control Thyristor 2450Amperes 4400Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TC204024 Datasheet(HTML) 5 Page - Powerex Power Semiconductors

  TC204024 Datasheet HTML 1Page - Powerex Power Semiconductors TC204024 Datasheet HTML 2Page - Powerex Power Semiconductors TC204024 Datasheet HTML 3Page - Powerex Power Semiconductors TC204024 Datasheet HTML 4Page - Powerex Power Semiconductors TC204024 Datasheet HTML 5Page - Powerex Power Semiconductors TC204024 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TC20__2402
Phase Control Thyristor
Powerex, Inc., 173 Pavilion Ln, Youngwood, PA 15697-1800 (724)925-7272 www.pwrx.com
2450Amperes 4400Volts
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
500
1000
1500
2000
2500
3000
3500
Iavg
(A)
Maximum On-State Power Dissipation
Sinusoidal Waveform
60
°
90
°
120
°
180
°
180°
360°
CONDUCTION ANGLE
60
70
80
90
100
110
120
130
0
500
1000
1500
2000
2500
3000
3500
Iavg
(A)
Maximum Allowable Case Temperature
Sinusoidal Waveform
60
°
90
°
120
°
180
°
180°
360°
CONDUCTION ANGLE
Maximum On-State Power Dissipation
Page 5


Similar Part No. - TC204024

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
TC20402402 POWEREX-TC20402402 Datasheet
229Kb / 6P
   Phase Control Thyristor
More results

Similar Description - TC204024

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com