Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS5240G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BTS5240G
Description  Addendum for PCN-Datasheet 2004-018-A
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS5240G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BTS5240G Datasheet HTML 3Page - Infineon Technologies AG BTS5240G Datasheet HTML 4Page - Infineon Technologies AG BTS5240G Datasheet HTML 5Page - Infineon Technologies AG BTS5240G Datasheet HTML 6Page - Infineon Technologies AG BTS5240G Datasheet HTML 7Page - Infineon Technologies AG BTS5240G Datasheet HTML 8Page - Infineon Technologies AG BTS5240G Datasheet HTML 9Page - Infineon Technologies AG BTS5240G Datasheet HTML 10Page - Infineon Technologies AG BTS5240G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2004-Mar-08
Page 6
PCN 2004-018-A: BTS 5240G
Electrical Characteristics
Parameter and Conditions, each of the two channels
Symbol
Values
Unit
at Tj = -40...+150 °C, Vbb = 9...16 V, unless otherwise specified
min.
typ.
max.
Load Switching Capabilities and Characteristics
Turn-on time1)
to 90% VOUT
RL = 12 Ω, Vbb = 12 V
ton
-
90
200
µs
Turn-off time1)
to 10% VOUT
RL = 12 Ω, Vbb = 12 V
toff
-
100
220
Slew rate on1)
10 to 30% VOUT,
RL = 12 Ω, Vbb = 12 V
dV/dton
0.1
0.25
0.45 V/µs
Slew rate off1)
70 to 40% VOUT,
RL = 12 Ω, Vbb = 12 V
-dV/dtoff
0.09
0.25
0.4
Operating Parameters
Operating voltage2)
Vbb(on)
4.5
-
28
V
Overvoltage protection3)
Ibb = 40 mA
Vbb(AZ)
41
47
52
Standby current4)
(see diagram on page 13)
Tj = -40...+25 °C, VIN = 0 V
Tj = 150 °C
Ibb(off)
-
-
5
-
7.5
20
µA
1See timing diagram on page 14.
218V...28V for 100 hours
3Supply voltages higher than Vbb(AZ) require an external current limit for the status pin and GND pin (e.g. 150Ω).
See also VOut(CL) in table of protection functions and circuit diagram on page 11.
4Measured with load; for the whole device; all channels off.


Similar Part No. - BTS5240G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5240 INFINEON-BTS5240 Datasheet
475Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240L INFINEON-BTS5240L Datasheet
475Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
More results

Similar Description - BTS5240G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5440G INFINEON-BTS5440G Datasheet
951Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
Q67060-S6136 INFINEON-Q67060-S6136 Datasheet
460Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
BTS5240L INFINEON-BTS5240L Datasheet
475Kb / 18P
   Addendum for PCN-Datasheet 2004-018-A
2004-Mar-08
logo
NXP Semiconductors
DSP56F803 NXP-DSP56F803 Datasheet
788Kb / 57P
   56F803 Datasheet with Addendum
Rev. 17, 10/2015
logo
ON Semiconductor
NCV78723-ADD ONSEMI-NCV78723-ADD Datasheet
87Kb / 2P
   NCV78723MW5 Addendum to NCV78723MW2 Datasheet
February, 2021 - Rev. 1
logo
Altera Corporation
EP4SGX360KF40C4N ALTERA-EP4SGX360KF40C4N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
EP2AGX190FF35C4N ALTERA-EP2AGX190FF35C4N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
EP2AGX45DF29C6N ALTERA-EP2AGX45DF29C6N Datasheet
1Mb / 90P
   Volume 3: Device Datasheet and Addendum
logo
List of Unclassifed Man...
A-08-018 ETC1-A-08-018 Datasheet
51Kb / 1P
   A-08-018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com