Selected language     English  ▼


BTS6143D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 4 page
background image
Data sheet BTS 6143 D
Parameter and Conditions
Symbol
Values
Unit
at Tj= 25, Vbb = 12 V unless otherwise specified
min
typ
max
Infineon Technologies AG
4 of 16
2003-Oct-01
Operating Parameters
Operating voltage (VIN=0)
Tj=-40...150 °C: Vbb(on)
5.5
--
38
V
Undervoltage shutdown 7) 8)
VbIN(u)
--
2.5
3.5
V
Undervoltage restart of charge pump
Vbb(ucp)
--
4
5.5
V
Overvoltage protection 9)
Ibb=15 mA
Tj=-40...+150°C:
VZ,IN
63
67
--
V
Standby current
Tj=-40...+120°C:
IIN=0
Tj=150°C:
Ibb(off)
--
--
3
6
6
14
µA
Reverse Battery
Reverse battery voltage 10)
-Vbb
--
--
16
V
On-state resistance (pin 1,5 to pin 3)
Vbb= - 8V, VIN= 0, IL = -7.5 A, RIS = 1 k
Ω, 8)
Tj=25 °C:
Tj=150 °C:
Vbb= -12V, VIN= 0, IL = -7.5 A, RIS = 1 k
Ω, Tj=25 °C:
Tj=150 °C:
RON(rev)
--
--
--
--
9.5
16
9
15
13
22
12
20
m
Integrated resistor in Vbb line
Rbb
--
100
150
Inverse Operation 11)
Output voltage drop (pin 1,5 to pin 3) 8)
IL = -7.5 A, RIS = 1 k
Ω,
Tj=25 °C:
IL = -7.5 A, RIS = 1 k
Ω,
Tj=150 °C:
- VON(inv)
--
--
700
300
--
--
mV
Turn-on delay after inverse operation; IL > 0A 8)
VIN(inv) = VIN(fwd) = 0 V
td(inv)
--
1
--
ms
7)
VbIN=Vbb-VIN see schematic on page 8 and page 14.
8)
not subject to production test, specified by design
9)
See also VZ(IN) in schematic page 9.
10) For operation at voltages higher then |16V| please see required schematic on page 10.
11) Permanent Inverse operation results eventually in a current flow via the intrinsic diode of the power DMOS.
In this case the device switches on with a time delay td(inv)
) after the transition from inverse to forward mode.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl