Selected language     English  ▼


BTS6143D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 5 page
background image
Data sheet BTS 6143 D
Parameter and Conditions
Symbol
Values
Unit
at Tj= 25, Vbb = 12 V unless otherwise specified
min
typ
max
Infineon Technologies AG
5 of 16
2003-Oct-01
Protection Functions 12)
Short circuit current limit (Tab to pin 1,5) 13)
Short circuit current limit at
VON = 6V 14)
Tj =-40°C:
Tj =25°C:
Tj =+150°C:
IL6(SC)
--
--
70
110
105
90
140
--
--
A
Short circuit current limit at
VON = 12V
Tj(start) =-40°C:
tm=170µs
Tj(start) =25°C:
Tj(start) =+150°C:
IL12(SC)
--
--
45
80
75
60
110
--
--
A
Short circuit current limit at
VON = 18V 14) Tj(start) =-40°C:
Tj(start) =25°C:
Tj(start) =+150°C:
IL18(SC)
--
--
33
60
55
50
80
--
--
A
Short circuit current limit at
VON = 24V
Tj(start) =-40°C:
tm=170µs
Tj(start) =25°C:
Tj(start) =+150°C:
IL24(SC)
--
--
20
40
40
35
60
--
--
A
Short circuit current limit at
VON = 30V 14) Tj(start) =-40°C:
Tj(start) =25°C:
Tj(start) =+150°C:
IL30(SC)
--
--
15
25
25
25
40
--
--
A
Short circuit shutdown detection voltage
(pin 3 to pins 1,5)
VON(SC)
2.5
3.5
4.5
V
Short circuit shutdown delay after input current
positive slope, VON > VON(SC), Tj = -40...+150°C
min. value valid only if input "off-signal" time exceeds 30
µs
td(SC1)
350
650
1200
µs
Short circuit shutdown delay during on condition14)
VON > VON(SC)
td(SC2)
--
2
--
µs
Output clamp (inductive load switch off) 15)
at VOUT = Vbb - VON(CL) (e.g. overvoltage)
IL= 40 mA
VON(CL)
39
42
--
V
Thermal overload trip temperature
Tjt
150
175
--
°C
Thermal hysteresis
T
jt
--
10
--
K
12)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are
not designed for continuous repetitive operation.
13
) Short circuit current limit for max. duration of td(SC1) , prior to shutdown, see also figures 3.x on page 13.
14
) not subject to production test, specified by design
15
) See also figure 2b on page 12.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl