Selected language     English  ▼


BTS6143D Datasheet(PDF) 6 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 6 page
background image
Data sheet BTS 6143 D
Parameter and Conditions
Symbol
Values
Unit
at Tj= 25, Vbb = 12 V unless otherwise specified
min
typ
max
Infineon Technologies AG
6 of 16
2003-Oct-01
Diagnostic Characteristics
Current sense ratio, static on-condition
kILIS = IL : IIS, IIS < IIS,lim 16),
VIS <VOUT - 5 V, VbIN > 4.5 V
kILIS
-- 10 000
--
IL = 30A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 7.5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 2.5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
IL = 0.5A, Tj = -40°C:
Tj = +25°C:
Tj = +150°C:
8300
8300
8300
7500
8000
8200
7100
7700
8000
5000
5500
6000
10000
9700
9300
10000
9700
9300
10000
9700
9300
12000
12000
12000
11000
10600
10000
11400
10800
10200
13400
12500
12000
21000
19000
18000
IIN = 0 (e.g. during deenergizing of inductive loads):
--
0
--
Sense current under fault conditions 17)
VON>1V, typ
Tj = -40...+150°C:
IIS,fault
4.0
5.2
7.5
mA
Sense saturation current
VON<1V, typ
Tj = -40...+150°C:
IIS,lim
4.0
6.0
7.5
mA
Fault-Sense signal delay after input current positive
slope, VON >1V, Tj = -40...+150°C
tdelay(fault)
350
650
1200
µs
Current sense leakage current, IIN = 0
IIS(LL)
--
0.1
0.5
µA
Current sense offset current, VIN = 0, IL
≤ 0
IIS(LH)
--
0.1
1
µA
Minimum load current for sense functionality,
VIN = 0, Tj = -40...+150°C
IL(MIN)
50
--
--
mA
Current sense settling time to IIS static after input
current positive slope, 18)
IL = 0
20 A, Tj= -40...+150°C
tson(IS)
--
250
500
µs
Current sense settling time during on condition, 18)
IL = 10
20 A, Tj= -40...+150°C
tslc(IS)
--
50
100
µs
Overvoltage protection
Ibb = 15 mA
Tj = -40...+150°C: VZ,IS
63
67
--
V
16) See also figures 4.x and 6.x on page 13 and 14.
17) Fault conditions are overload during on (i.e. VON>1V typ.), overtemperature and short circuit; see also truth
table on page 8.
18
) not subject to production test, specified by design




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl