Selected language     English  ▼


BTS6143D Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 8 page
background image
Data sheet BTS 6143 D
Infineon Technologies AG
8 of 16
2003-Oct-01
Truth Table
Input
Current
level
Output
level
Current
Sense
IIS
Normal
operation
L
H
L
H
≈0 (IIS(LL))
nominal
Overload 19)
L
H
L
H
≈0 (IIS(LL))
IIS,fault
Short circuit to GND 20)
L
H
L
L
≈0 (IIS(LL))
IIS,fault
Overtemperature
L
H
L
L
≈0 (IIS(LL))
IIS,fault
Short circuit to Vbb
L
H
H
H
≈0 (IIS(LL))
<nominal 21)
Open load
L
H
Z
H
≈0 (IIS(LL))
≈0 (IIS(LH))
L = "Low" Level
Z = high impedance, potential depends on external circuit
H = "High" Level
19
) Overload is detected at the following condition: 1V (typ.) < V
ON
< 3.5V (typ.) . See also page 11.
20
) Short Circuit is detected at the following condition: V
ON
> 3.5V (typ.) . See also page 11.
21
) Low ohmic short to Vbb may reduce the output current IL and therefore also the sense current IIS.
Terms
PROFET
V
IN
IS
OUT
bb
V
IN
IIS
I
IN
V
bb
Ibb
IL
VOUT
VON
2
4
3
1,5
RIS
V
IS
VbIN
RIN
DS
VbIS
Two or more devices can easily be connected in
parallel to increase load current capability.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl