Selected language     English  ā–¼


BTS6143D Datasheet(PDF) 13 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 13 page
background image
Data sheet BTS 6143 D
Infineon Technologies AG
13 of 16
2003-Oct-01
Figure 3a: Typ. current limitation characteristic
0
20
40
60
80
010
20
VON
[V]
[A]
IL(SC)
30
V
ON(SC)
100
In case of VON > VON(SC) (typ. 4 V) the device will be
switched off by internal short circuit detection.
Figure 3b: Short circuit type one:
shut down by short circuit detection, reset by IIN = 0.
I
IN
I
L
IL(SC)
IIS
t
td(SC1)
I IS,fault
tdelay(fault)
tm
VON > VON(SC)
Shut down remains latched until next reset via input.
Figure 3c: Short circuit type two:
shut down by short circuit detection, reset by IIN = 0.
I
IN
I
L
Internal Switch off
IIS
t
td(SC2)
I IS,fault
V
ON
I
L
k
ilis
1V typ.
depending on the
external impedance
Shut down remains latched until next reset via input.
Figure 4a: Overtemperature
Reset if Tj<Tjt
I
IN
t
I
IS
V
OUT
T
j
IIS,fault
Auto Restart




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl