Selected language     English  ▼


BTS6143D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 2 page
background image
Data sheet BTS 6143 D
Infineon Technologies AG
2 of 16
2003-Oct-01
Pin
Symbol
Function
1
OUT
O
Output; output to the load; pin 1 and 5 must be externally shorted* .
2
IN
I
Input; activates the power switch if shorted to ground.
Tab/(3)
Vbb
+
Supply Voltage; positive power supply voltage; tab and pin3 are internally
shorted.
4
IS
S
Sense Output; Diagnostic feedback; provides at normal operation a sense
current proportional to the load current; in case of overload,
overtemperature and/or short circuit a defined current is provided (see
Truth Table on page 8)
5
OUT
O
Output; output to the load; pin 1 and 5 must be externally shorted* .
*) Not shorting all outputs will considerably increase the on-state resistance, reduce the peak current capability
and decrease the current sense accuracy
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Values
Unit
Supply voltage (overvoltage protection see page 4)
Vbb
38
V
Supply voltage for full short circuit protection 1)
Vbb
30
V
Load dump protection VLoadDump = UA + Vs, UA = 13.5 V
RI= 2
Ω, RL= 1.5 Ω, td= 400 ms, IN= low or high
VLoad dump2)
45
V
Load current (Short-circuit current, see page 5)
IL
self-limited
A
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Power dissipation (DC)
Ptot
59
W
Inductive load switch-off energy dissipation 3)
single pulse IL = 20 A, Vbb= 12V
Tj=150 °C:
EAS
0.3
J
Electrostatic discharge capability (ESD)
(Human Body Model)
acc. ESD assn. std. S5.1-1993; R=1.5k
Ω; C=100pF
VESD
3.0
kV
Current through input pin (DC)
Current through current sense pin (DC)
see internal circuit diagrams page 9
IIN
IIS
+15, -120
+15, -120
mA
Input voltage slew rate
Vbb
≤ 16V :
Vbb > 16V 4):
dVbIN / dt
self-limited
20
V/
µs
1)
Short circuit is defined as a combination of remaining resistances and inductances. See schematic on
page11.
2)
VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
3)
See also diagram on page 11.
4)
See also on page 8. Slew rate limitation can be achieved by means of using a series resistor R
IN in the input
path. This resistor is also required for reverse operation. See also page 10.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl