Selected language     English  ▼


BTS6143D Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. BTS6143D
Description  Smart Highside Power Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 3 page
background image
Data sheet BTS 6143 D
Infineon Technologies AG
3 of 16
2003-Oct-01
Thermal Characteristics
Parameter and Conditions
Symbol
Values
Unit
min
typ
max
Thermal resistance
chip - case:
RthJC
--
--
1.1
K/W
junction - ambient (free air):
RthJA
--
80
--
SMD version, device on PCB 6)
--
45
55
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj= 25, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (pin 3 to pin 1,5)
VIN= 0, Vbb= 5.5V, IL = 7.5 A
Tj=25 °C:
Tj=150 °C:
VIN= 0, Vbb= 12V, IL = 7.5 A
Tj=25 °C:
Tj=150 °C:
RON
--
--
--
--
10
18
8
14
14
24
10
18
m
Output voltage drop limitation at small load
currents (Tab to pin 1,5) 5)
Tj=-40...150 °C:
VON(NL)
--
30
65
mV
Nominal load current (Tab to pin 1,5)
ISO Proposal: VON
≤ 0.5 V, T
C = 85°C, Tj
≤ 150°C
SMD 6), VON
≤ 0.5 V, T
A = 85°C, Tj
≤ 150°C
IL(ISO)
IL(nom)
33
8
41
10
--
--
A
Turn-on time
to 90% VOUT:
Turn-off time
to 10% VOUT:
RL = 2.2
Ω, Tj=-40...150 °C
ton
toff
--
--
250
250
500
500
µs
Slew rate on
25 to 50% VOUT, RL = 2.2
Ω, Tj=-40...150 °C
dV /dton
--
0.3
0.5
V/
µs
Slew rate off
50 to 25% VOUT, RL = 2.2
Ω, Tj=-40...150 °C
-dV/dtoff
--
0.3
0.6
V/
µs
5
)
See figure 7a on page 15.
6
)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm
2 (one layer, 70
µm thick) copper area for Vbb
connection. PCB is vertical without blown air.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS432D2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS707Smart Two Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS412B2Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS660PSmart Highside High Current Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432E2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS710L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS426L1Smart Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS707Smart Two Channel Highside Power Switch 1 2 3 4 5 MoreInfineon Technologies AG
BTS432F2Smart Highside Power Switch Clamp of negative voltage at output Short-circuit protection Current limitation 1 2 3 4 5 MoreSiemens Semiconductor Group
BTS711L1Smart Four Channel Highside Power Switch Overload protection Current limitation Short-circuit protection Thermal shutdown 1 2 3 4 5 MoreSiemens Semiconductor Group

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl