Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK10J11E002Y Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RK10J11E002Y
Description  Low-profile, dip and reflow solderable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK10J11E002Y Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RK10J11E002Y Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK10J11E002Y Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
378
378
With Knob Type
RK10J
RK14J
Unit:mm
No.
Photo
Style
PC board mounting hole dimensions
(Viewed from mounting side)
1
2
3
0.3
9.7
0.3
4
8
6
5.35
7
1.8
0.9
2
ø14
Center of knob
9.3
0.7
4
8
5-ø1 hole
10.4
2
8
14
ø14
0.8
4
5.35
6
0.3
2.5
0.9
1
Center of knob
Solder lands are indicated
by the shaded areas
10
2.2
2.2
4
8
5-1.2
2
2.5
(0.9)
1.6
0.5
2
10.2
4
0.8
4.4
0.8
3.5
8
0.3
6.2
7
4
3.6
ø15
0.3
3.4
2-0.7
4.8
3.9
3.8
2-0.2
2-0.2
2-1.6
Center of knob
Wiring prohibited in
the shaded areas
4
8
RK10J1 □ E
RK10J1 □ R
RK14J1 □ A
Dimensions
29.5
25.5
ø330
ø13 hole
Packing Specifications (RK14J)
Reel size
Bulk / Taping
Unit:mm
Reel size
Bulk / Taping
30.4
24.4
ø370
ø13 hole
Unit:mm
Packing Specifications (RK10J)
Soldering
Packing
specifications
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1 case /export packing
Manual
Bulk
3,000
2,400
250×371×190
Reflow
Taping
1,000
3,000
3,000
24
397×401×139
Soldering
Packing
specifications
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case /Japan 1 case /export packing
Manual
Bulk
1,200
2,400
259×379×206
Reflow
Taping
1,000
3,000
3,000
24
397×401×139


Similar Part No. - RK10J11E002Y

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK10J11E002Y ALPS-RK10J11E002Y Datasheet
319Kb / 6P
   With Knob Type
logo
List of Unclassifed Man...
RK10J11E002Y ETC-RK10J11E002Y Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK10J11E002Y

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
DPX-0R5 MARKIMICROWAVE-DPX-0R5 Datasheet
458Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
   Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
   Reflow Solderable
TSL-1206UYG00MTH SUNTAN-TSL-1206UYG00MTH Datasheet
447Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
logo
Suntan Capacitors
TSL-0805UG000MTH SUNTAN-TSL-0805UG000MTH Datasheet
390Kb / 3P
   Reflow Solderable
logo
Marki Microwave
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com