Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK11K113002F Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK11K113002F
Description  A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK11K113002F Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK11K113002F Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK11K113002F Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK11K113002F Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK11K113002F Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK11K113002F Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK11K113002F Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
362
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(15C)
Rotation travel (
%)
Term."1"
Term."3"
J
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R K 1 1 K 1 1 4 0
F 2 2
C 0
B 1 0 3
Detent
Model type
Code
1
2
Model type
Horizontal type without bushing
3
Vertical type without bushing
4
Vertical type with bushing
Horizontal type with bushing
Shaft type
Code
F
Shaft type
Flat
Length of the shaft LM1(mm)
Code
15
Length of the
shaft
15
20
20
Code
25
30
Length of the
shaft
25
30
22
22.5
27
27.5
32
32.5
Resistance taper
Total resistance
*Only available in flat format.
Code
C0
C1
Center detent
Without
With
Code
A
B
Resistance taper
15A
1B
Resistance taper
15C
Code
C
3B
V
Code
502
103
203
Total resistance
(k Ω)
5
10
20
Total resistance
(k Ω)
50
100
200
Code
503
104
204
B : For tone & general
V : For vol.
    
Marked are specifications recommended by Alps.
Note
11mm Size Insulated Shaft Snap-in Type / Ordering Products Not Listed


Similar Part No. - RK11K113002F

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK11K113002F ALPS-RK11K113002F Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
RK11K113002F ETC-RK11K113002F Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK11K113002F

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K ALPS-RK14K_15 Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
   11mm Potentiometer
logo
List of Unclassifed Man...
E102A ETC2-E102A Datasheet
363Kb / 1P
   Electronic Sounders Audio or Audible/Visual
logo
QUARTZCOM the communica...
HC-49U QUARTZCOM-HC-49U Datasheet
87Kb / 1P
   Applications: telecommunications, audio, instruments, interface
HC-49S QUARTZCOM-HC-49S Datasheet
90Kb / 1P
   Applications: microprocessors, audio, instruments, interface
HC-49UMJ QUARTZCOM-HC-49UMJ Datasheet
90Kb / 1P
   Applications: telecommunications, audio, automotive, instruments
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
   11mm Rotary Potentiometer
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com