Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK11K1140A9L Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RK11K1140A9L
Description  A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK11K1140A9L Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RK11K1140A9L Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK11K1140A9L Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK11K1140A9L Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK11K1140A9L Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK11K1140A9L Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK11K1140A9L Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
371
Reference for Manual Soldering
Reference for Dip Soldering
Series
Preheating
Dip soldering
No. of solders
Soldering surface temperature
Heating time
Soldering temperature
Soldering time
RK12L
100℃
1 min. max.
260℃ max.
5s max.
2 time max.
Series
Tip temperature
Soldering time
No. of solders
RK09D, RK09K, RK09Y11L,
RK11K, RK12L, RK12L115, RK14K
350℃ max.
3s max.
1 time
Insulated Shaft Potentiometers / Soldering Conditions


Similar Part No. - RK11K1140A9L

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK11K1140A9L ALPS-RK11K1140A9L Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
RK11K1140A9L ETC-RK11K1140A9L Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK11K1140A9L

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK14K ALPS-RK14K_15 Datasheet
797Kb / 6P
   A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
Bourns Electronic Solut...
PTV111 BOURNS-PTV111 Datasheet
112Kb / 2P
   11mm Potentiometer
logo
List of Unclassifed Man...
E102A ETC2-E102A Datasheet
363Kb / 1P
   Electronic Sounders Audio or Audible/Visual
logo
QUARTZCOM the communica...
HC-49U QUARTZCOM-HC-49U Datasheet
87Kb / 1P
   Applications: telecommunications, audio, instruments, interface
HC-49S QUARTZCOM-HC-49S Datasheet
90Kb / 1P
   Applications: microprocessors, audio, instruments, interface
HC-49UMJ QUARTZCOM-HC-49UMJ Datasheet
90Kb / 1P
   Applications: telecommunications, audio, automotive, instruments
logo
CTS Corporation
11VR CTS-11VR Datasheet
1Mb / 8P
   11mm Panel Potentiometer
logo
Bi technologies
P110KV BITECH-P110KV_12 Datasheet
92Kb / 5P
   11mm Rotary Potentiometer
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com