Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK12L12H0005 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK12L12H0005
Description  High performance 12mm wide type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK12L12H0005 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK12L12H0005 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK12L12H0005 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK12L12H0005 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK12L12H0005 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK12L12H0005 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
350
List of Varieties
Insulated Shaft Potentiometers
Type
9mm size
11mm size
12mm size
14mm size
Series
RK09K11
RK09D11
RK09K12
RK09Y11L
RK11K
RK12L12
RK12L115
RK14K
Single-unit
Dual-unit
Single-unit
Single-unit
Dual-unit
Single-unit
Dual-unit
Photo
Terminal mounting
Vertical / Horizontal
Horizontal
Vertical / Horizontal
Vertical
Vertical /
Horizontal
Bushing
Without
With / Without
Without
With
With / Without
Operating temperature range
−10℃ to + 70℃
−40℃ to
+ 85℃
−10℃ to
+ 70℃
Operating life
5,000 cycles 10,000 cycles
1,000,000
cycles
15,000 cycles
Available for automotive
use
Life cycle
Electrical
performance
Total resistance
(k Ω)
5, 10, 20, 50, 100, 200
10
5, 10, 20, 50, 100, 200
5, 10, 20, 50,
100
5, 10, 20, 50,
100, 200
Resistance taper
15A, 1B, 3B, 15C
B
15A, 1B, 3B, 15C
15A, 1B, 3B
15A, 1B, 3B,
15C
Total resistance
tolerance
±20%
±30%
±30%
±20%
Rated power
0.05W
0.03W
0.01W
0.05W
Maximum operating
voltage
50V AC
20V DC
50V AC
for AC only
50V AC
5V DC
50V AC
20V DC
50V AC
for AC only
50V AC
20V DC
50V AC
for AC only
Gang error
−40dB to 0dB
3dB max.
Volume control
−40dB to 0dB
3dB max.
For tone control
within 2dB
at center
Volume control
−40dB to 0dB
3dB max.
For tone control
within 2dB
at center
Insulation
resistance
100MΩ min. 250V DC
100MΩ min.
500V DC
100MΩ min. 250V DC
Voltage proof
250V AC for 1minute
500V AC
for 1minute
300V AC for 1minute
Center-taps
Without
Without / With
Without
Without / With
(Volume control)
Mechanical
performance
Detent
Without, Center
Without
Without,
Center
Without
Custom
Without, Center
Stopper strength
0.3N・m
Without bushing 0.5N・m
With bushing 0.6N・m
0.5N・m
0.6N・m
Push-pull strength
50N max.
30N max.
80N max.
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z and for 2 hours respectively
Shaft configuration
Flat type, Knob type,
Screwdriver type
Flat type
Terminal style
Insertion
Page
351
358
359
363
366
367
Insulated Shaft Potentiometers Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 371
Potentiometers Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
Note
Indicates applicability to all products in the series.


Similar Part No. - RK12L12H0005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK12L12H0005 ETC-RK12L12H0005 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK12L12H0005

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
ASH1201 OPTOSUPPLY-ASH1201 Datasheet
577Kb / 1P
   12mm wide IP67& IP68 LED light strip
logo
Laird Tech Smart Techno...
S49014WP LSTD-S49014WP Datasheet
504Kb / 1P
   Wide-band high-gain performance
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
   High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
   High Performance, Wide Bandwidth Accelerometer
REV. A
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
   12mm Size Insulated Shaft Type
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
logo
ATMEL Corporation
M90E26 ATMEL-M90E26_14 Datasheet
704Kb / 60P
   Single-Phase High-Performance Wide-Span
logo
List of Unclassifed Man...
K3001 ETC2-K3001 Datasheet
262Kb / 1P
   Soft, round, 6mm dia, Hard, flat, 12mm wide, Hard, flat, 25mm wide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com