Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK45B Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK45B
Description  This LED illuminated ring potentiometer is best suited for knob design of various set devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK45B Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK45B_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK45B_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK45B_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
383
383
List of Varieties
Ring Type Potentiometers
Type
39mm size
45mm size
Series
RK39A
RK45B
RK45C
Single-unit
Single-unit
Single-unit
Photo
Features
LED illuminate
Dimensions
(mm)
W
39
45
D
39.5
45.5
H
8.5
9.5
Operating temperature range
−40℃ to +85℃
Operating life
30,000 cycles
Automotive use
Life cycle
Electrical
performance
Total
resistance(k Ω)
5
Resistance
taper
B
Rated power
0.05W
Insulation resistance
10MΩ min. 50V DC
Voltage proof
50V AC for 1minute
Mechanical
performance
Detent torque
40±16mN・m
50±20mN・m
55±20mN・m
40±16mN・m
40±16mN・m
Number
of positions
6, 17
8, 17
17
Stopper strength
1N・m
Push-pull strength
100N(Push),50N(Pull)
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Terminal type
Insertion
Page
384
385
Ring Type Potentiometers Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 386
Potentiometers Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
Notes
1. The operating temperature range for automotive applications can be raised upon request.
Please contact us for details.
2. Indicates applicability to all products in the series.


Similar Part No. - RK45B_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK45B1A00001 ALPS-RK45B1A00001 Datasheet
249Kb / 2P
   45mm LED Illuminated Potentiometer
logo
List of Unclassifed Man...
RK45B1A00001 ETC-RK45B1A00001 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK45B1A00002 ALPS-RK45B1A00002 Datasheet
249Kb / 2P
   45mm LED Illuminated Potentiometer
logo
List of Unclassifed Man...
RK45B1A00002 ETC-RK45B1A00002 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK45B_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK39A ALPS-RK39A_15 Datasheet
1Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Vishay Siliconix
P16NM472MAB15 VISHAY-P16NM472MAB15 Datasheet
134Kb / 5P
   Knob Potentiometer
Revision: 19-Mar-12
PA16NP103MAB15 VISHAY-PA16NP103MAB15 Datasheet
134Kb / 5P
   Knob Potentiometer
Revision: 19-Mar-12
PA16 VISHAY-PA16 Datasheet
127Kb / 5P
   Knob Potentiometer
Revision: 19-Dec-07
P16 VISHAY-P16 Datasheet
115Kb / 5P
   Knob Potentiometer
Revision: 17-Nov-17
P16 VISHAY-P16_V01 Datasheet
245Kb / 7P
   Knob Potentiometer
01-Jan-2022
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
ALPS ELECTRIC CO.,LTD.
RK39A ALPS-RK39A Datasheet
143Kb / 2P
   39mm LED Illuminated Potentiometer
RK45B ALPS-RK45B Datasheet
249Kb / 2P
   45mm LED Illuminated Potentiometer
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com