Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1631110TNP Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1631110TNP
Description  A wide range of versatile products applicable for various types of control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1631110TNP Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

  RK1631110TNP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1631110TNP Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1631110TNP Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1631110TNP Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1631110TNP Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK1631110TNP Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK1631110TNP Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
349
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Series
Tip temperature
Soldering time
No. of solders
RK09L, RK097
350℃ max.
3s max.
1 time
RK203
300℃ max.
3s max.
1 time
RK119
350±10℃
3   s
1 time
RK271
350℃ max.
5s max.
1 time
RK501
350±10℃
5   s
1 time
RK163
350℃ max.
5s max.
1 time
RK168
Potentiometer
terminal
300℃ max.
3s max.
1 time
Motor terminal
350℃ max.
2s max.
1 time
Series
Preheating
Dip soldering
No. of solders
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RK09L, RK097, RK203
100℃ max.
2 min. max.
260±5℃
5±1s
2 time max.
RK501
120±10℃
2 min. max.
260±5℃
5±1s
2 time
+1
0
Series
A
B
C
D
E
F
G
H
No. of reflows
RK119
260℃
230℃
180℃
150℃
2 min.
3s
40s
4 min.
2 time max.
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or at type that uses
infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when
employing a hot air reflow method. The temperature of the PC board and the surface temperature of the
potentiometer may vary greatly depending on the PC board material, its size and thickness. Ensure that the surface
temperature of the potentiometer does not rise to 250℃ or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Temperature profile
+1
0
Metal Shaft Potentiometers / Soldering Conditions


Similar Part No. - RK1631110TNP

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1631110TNP ALPS-RK1631110TNP Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
logo
List of Unclassifed Man...
RK1631110TNP ETC-RK1631110TNP Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK1631110TNP

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com