Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK1631210AWN Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RK1631210AWN
Description  A wide range of versatile products applicable for various types of control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK1631210AWN Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RK1631210AWN Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK1631210AWN Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
334
Applications
Refer to P.335 for attached parts.
Refer to P.336 for ordering products not listed.
In addition to the products listed, we can accommodate the follow specifications.
Total Resistance Variety
Total resistance(kΩ)
5
10
20
50
100
200
Single-shaft, single-unit
Single-shaft, dual-unit
RK16311
RK16312
General
General or Volume and
tone control
Center
21
31
41
Model
Detent variety
Resistance Taper
Resistance taper
15A
1B
3B
15C
Dimensions of Shaft
1)18 teeth serrated type
L1
LB
R1
C1
18 teeth Serrated
Not specified
slotting angle
M7G0.75
Y
Y
X
X
Shaft shown in
full CCW position
¡The serration angle
shall be as shown.
2)Flat type
L1
LB
C1
Shaft shown in
full CCW position
60˚
M7G0.75
R1
3)Slotted type
L1
LB
C0.5
Shaft shown in
full CCW position
60˚
1.6
M7G0.75
Die-casting shaft
LB
R1
15
20
25
30
5
5
7
7
8
12
12
12
Unit:mm
Unit:mm
Unit:mm
L1
LB
25
30
7
7
15
20
5
7
L1
12
12
7
12
R1
LB
15
20
25
30
7
7
7
7
L1
Detail dimensions
Detail dimensions
Detail dimensions
Product Specifications and Applications
Type
Marked are specifications recommended by Alps.
Note
16mm Size Metal Shaft Type / Other Specifications


Similar Part No. - RK1631210AWN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK1631210AWN ALPS-RK1631210AWN Datasheet
278Kb / 6P
   16mm Size Metal Shaft Type
logo
List of Unclassifed Man...
RK1631210AWN ETC-RK1631210AWN Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK1631210AWN

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
   Wide range of SAC... nuts for various different applications
TSD-20-SAC PHOENIX-TSD-20-SAC Datasheet
49Kb / 3P
   Wide range of SAC... nuts for various different applications
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM3F OMRON-G3VM3F Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
WF15-40B410 ETC2-WF15-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
PHOENIX CONTACT
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
   Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
logo
Semikron International
SKPT14 SEMIKRON-SKPT14 Datasheet
188Kb / 5P
   Pulse Transformers Range of preferred types
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com