Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK097111T065 Datasheet(PDF) 11 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097111T065
Description  9.5mm width potentiometer ideal for various types of control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097111T065 Datasheet(HTML) 11 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097111T065 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. RK097111T065 Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
327
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(15C)
Rotation travel (
%)
Term."1"
Term."3"
J
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R K 0 9 7 1 1 1 0
F 1 5
C 0
B 1 0 3
Detent
Model type
Code
111
121
Model type
Single-shaft single-unit
122
Single-shaft dual-unit for vol.
Single-shaft dual-unit for tone
Switch specifications
Code
0
1
2
Switch specifications
Without switch
With rotary switch
With push-on push-off switch
4
With momentary push switch (0.5mm travel)
T
With push-lock mechanism
Length of the shaft L1(mm)
Code
15
Length of the
shaft
15
20
20
Code
25
30
Length of the
shaft
25
30
Resistance taper
Code
A
B
Resistance taper
15A
1B
Resistance taper
3B
15C
Code
V
C
Total resistance
Code
103
203
Total resistance
(k Ω)
10
20
Total resistance
(k Ω)
50
100
Code
503
104
Code
C0
Detent
Without
C1
Center
Code
11
31
Detent
11
31
* The resistance taper for rotary switches are
  individually defined.
* With rotary switch; for applications in types
other than push-lock mechanism.
B: For tone & general (model type : 111, 121)
V: For vol. (model type : 111, 122)
Shaft type
Code
F
Shaft type
Flat (shaft diameter : 6)
* Shaft diameter 3.5 is individually specified.
Push on switch 1.5mm stroke is individually specified.
1.
 
Marked are specifications recommended by Alps.
2. The above specification is only applicable to the one-shaft single-unit
  model and dual-unit ganged model. 
Notes
9mm Size Metal Shaft Multi-ganged Type / Ordering Products Not Listed


Similar Part No. - RK097111T065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RK097111T065 ETC-RK097111T065 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK097111T065

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
   Various types of cables for frame grabber
logo
PHOENIX CONTACT
1203149 PHOENIX-1203149 Datasheet
51Kb / 2P
   Control cabinet key, metal, for all common types of control cabinet
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Omron Electronics LLC
G2AK-232A-DC24 OMRON-G2AK-232A-DC24 Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
G2AK OMRON-G2AK Datasheet
391Kb / 8P
   Magnetic Latching Version of G2A Ideal for Sequence Control
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
ALPS ELECTRIC CO.,LTD.
RK45B ALPS-RK45B_15 Datasheet
3Mb / 3P
   This LED illuminated ring potentiometer is best suited for knob design of various set devices
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com