Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS08U11AZ001 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RS08U11AZ001
Description  High precision space saving design helps smaller and lighter set
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS08U11AZ001 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RS08U11AZ001 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS08U11AZ001 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS08U11AZ001 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type
Standard Type
Master Type
Series
Super SlideTM
Slim SlideTM(Slim4)
Compact Reflow Type
K Fader
RS □□ 1
RS □□ H
RS08U
RS □□ K
Single-unit/Dual-unit
Single-unit/Dual-unit
Single-unit
Single-unit/Dual-unit
Photo
Travel(mm)
15, 20, 30, 45, 60
15, 20, 30
8
60, 100
Direction of lever
Vertical
Horizontal
Vertical Horizontal
Vertical
Lever material
Metal / Resin
Resin
Metal
Operating temperature range
−25℃ to +70℃
−10℃ to +70℃
−10℃ to +60℃
Operating life
15,000 cycles
10,000 cycles
100,000 cycles (Standard)
300,000 cycles(CP)
Available for automotive use
Life cycle (availability)
Electrical
performance
Total resistance
(k Ω)
10, 20, 50, 100,
200
5, 10, 20, 50, 100, 200, 250
10
10, 50, 100(Standerd)
10(CP)
Resistance taper
10A, 15A, 1B, 3B,
4B
15A, 1B, 3B
1B
15A, 1B
Rated Power
Please see P.395
Please see P.402
0.025W
0.25W
Insulation
resistance
100MΩ min.
250V DC
Dual-unit:100MΩ min. 250V DC
100MΩ min.
100V DC
100MΩ min.
250V DC
Voltage proof
300V AC for 1
minute
Dual-unit:300V AC for 1 minute
100V AC for 1
minute
250V AC for 1
minute
Center-taps
Without / With
Without
Mechanical
performance
Operating force
0.3 to 2.5N
0.6
N
0.17±0.15N
Please see P.408
Center detent
Without / With
Without
Stopper strength
50N
30N
5N
100N
Lever push-pull strength
50N
30N
5N
100N
Lever wobble(mm)
※ Both sides
2(2×L)
20
1.6 max.
2(2×L)
25
Detent slip-out force
Operating force +
(0.2 to 2N)
Operating force +0.3
N
Lever deviation(mm)
※ One side
0.5 max.
0.5 max.
Terminal style
Insertion
Reflow
Lead(Standard)
Connector(CP)
Page
389
398
404
405
Slide Potentiometers Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 426
Potentiometer Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 427
Potentiometers Measurement and Test Methods ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 429
Potentiometers Resistance Taper ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 431
387
List of Varieties
Slide Potentiometers
1.“L”in the“Lever Wobble”column of the above table indicates the length of lever.
2.「RS □□」
□□ indicates travel.
3. Indicates applicability to some products in the series.
Notes
+0.5
−0.4
+0.5
−0.25


Similar Part No. - RS08U11AZ001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS08U11AZ001 ETC-RS08U11AZ001 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS08U11AZ001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1619-1 ETC2-1619-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
   Exclusive for headlight angle detection with high accuracy and space-saving design
logo
TE Connectivity Ltd
20EHT1 TEC-20EHT1 Datasheet
308Kb / 2P
   Low profile design allows for a space-saving design solution
logo
Cynergy3 Co
LM10A CYNERGY3-LM10A Datasheet
1Mb / 2P
   For smaller tanks and restricted space
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Shanghai Leiditech Elec...
SMD1812 LEIDITECH-SMD1812 Datasheet
764Kb / 5P
   Smaller size saves board space and cost
30V LEIDITECH-30V Datasheet
638Kb / 3P
   Smaller size saves board space and cost
logo
ALPS ELECTRIC CO.,LTD.
RDC10 ALPS-RDC10_15 Datasheet
1Mb / 6P
   The high accuracy space saving design contributes to reduced weight and size of sets
logo
List of Unclassifed Man...
2M801 ETC2-2M801 Datasheet
9Mb / 31P
   SMALLER, LIGHTER-WEIGHT ALTERNATIVE FOR D3899 PERFORMANCE
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com