Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09L128BF12C0V103 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L128BF12C0V103
Description  Single-unit and dual-unit types suit a variety of controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L128BF12C0V103 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RK09L128BF12C0V103 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L128BF12C0V103 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L128BF12C0V103 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L128BF12C0V103 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L128BF12C0V103 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L128BF12C0V103 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
313
9mm Size Metal Shaft Snap-in Type
RK09L
Single-unit and dual-unit types suit a variety of controls
Product Line
Number of
resistor elements
Mounting
direction
Horizontal
type
Vertical type
Horizontal
type
for tone
Horizontal
type
for vol.
Vertical type
for tone
Vertical type
for vol.
Shaft
type
Flat
Length of the
shaft L1(mm)
15
20
12.5
15
20
25
25
15
20
15
20
15
Center
detent
Without
With
With
With
Without
Total resistance
(k Ω)
10
20
10
50
5
10
Resistance
taper
1B
3B
15A
1B
15A
1B
Products No.
RK09L1120A2S
RK09L112003P
RK09L1120A69
RK09L1140A5E
RK09L1140A66
RK09L1140A5P
RK09L1140A2U
RK09L114001T
RK09L1140A65
RK09L122002M
RK09L1220A1B
RK09L12B0A31
RK09L12B0A3Z
RK09L124000Z
RK09L1240A12
RK09L12D0A1W
RK09L12D0A1T
Minimumorder unit(pcs.)
Japan
Export
1,000
2,000
Drawing
No.
1
2
3
4
Single-unit
Dual-unit
Refer to P.315 for other specifications.
Refer to P.315 for attached parts.
Refer to P.316 for ordering products not listed.
Refer to P.349 for soldering conditions.
Other varieties are also available. Refer to "Other Specifications" (P.315).
Note
Without
With
Without
Without
50
100
50
10
50
10
15A
15A
Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
50V AC, 10V DC
Total rotational angle
300°±5°
Rotational torque
2 to 25mN・m
Operating life
15,000 cycles
Operating temperature range
−10℃ to +70℃
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
1,000
2,000
364×473×176


Similar Part No. - RK09L128BF12C0V103

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L122002M ALPS-RK09L122002M Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L122002M ETC-RK09L122002M Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK09L1220A1B ALPS-RK09L1220A1B Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L1220A1B ETC-RK09L1220A1B Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK09L124000Z ALPS-RK09L124000Z Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
More results

Similar Description - RK09L128BF12C0V103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
Murata Manufacturing Co...
XRCGB25M000FFS1JR0 MURATA1-XRCGB25M000FFS1JR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB26M000F1SALR0 MURATA1-XRCGB26M000F1SALR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SAAR0 MURATA1-XRCGB32M000F1SAAR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SABR0 MURATA1-XRCGB32M000F1SABR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SALR0 MURATA1-XRCGB32M000F1SALR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 20, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com