Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFI9N60M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STFI9N60M2
Description  N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI9N60M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STFI9N60M2 Datasheet HTML 6Page - STMicroelectronics STFI9N60M2 Datasheet HTML 7Page - STMicroelectronics STFI9N60M2 Datasheet HTML 8Page - STMicroelectronics STFI9N60M2 Datasheet HTML 9Page - STMicroelectronics STFI9N60M2 Datasheet HTML 10Page - STMicroelectronics STFI9N60M2 Datasheet HTML 11Page - STMicroelectronics STFI9N60M2 Datasheet HTML 12Page - STMicroelectronics STFI9N60M2 Datasheet HTML 13Page - STMicroelectronics STFI9N60M2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
STF9N60M2, STFI9N60M2
10/15
DocID024728 Rev 2
4.1
TO-220FP, STF9N60M2
Figure 20. TO-220FP drawing
7012510_Rev_K_B


Similar Part No. - STFI9N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFI9N80K5 STMICROELECTRONICS-STFI9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
More results

Similar Description - STFI9N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
   N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
STF24N60M2 STMICROELECTRONICS-STF24N60M2 Datasheet
1Mb / 14P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
   N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
September 2016
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STB33N60M2 STMICROELECTRONICS-STB33N60M2 Datasheet
1Mb / 15P
   N-channel 600 V, 0.108 廓 typ., 26 A MDmesh II Plus??low Qg Power MOSFETs in a D2PAK package
November 2013 Rev 2
STF34N65M5 STMICROELECTRONICS-STF34N65M5_V01 Datasheet
1Mb / 15P
   N-channel 650 V, 0.09 Ω typ., 28 A MDmesh™ V Power MOSFETs in TO-220FP, I2PAKFP, I2PAK packages
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com