Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK09L12DF12C1B203 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # RK09L12DF12C1B203
Description  Single-unit and dual-unit types suit a variety of controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK09L12DF12C1B203 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  RK09L12DF12C1B203 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RK09L12DF12C1B203 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RK09L12DF12C1B203 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK09L12DF12C1B203 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK09L12DF12C1B203 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK09L12DF12C1B203 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
316
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
R K 0 9 L 1 1 4 0
F 1 5
C 0
B 1 0 3
Model type
Code
112
114
Model type
Single-unit horizontal type
122
Dual-unit horizontal type for tone
124
Dual-unit vertical type for tone
12B
Dual-unit horizontal type for vol.
12D
Dual-unit vertical type for vol.
Single-unit vertical type
Shaft type
Code
F
Shaft type
Flat
Resistance taper
Total resistance
Code
502
103
203
Total resistance
(k Ω)
5
10
20
Total resistance
(k Ω)
50
100
Code
503
104
Length of the shaft L1(mm)
Code
12
Length of
the shaft
12.5
15
15
Code
17
20
Length of
the shaft
17.5
Length of
the shaft
25
20
Code
25
* Only available in flat format.
Detent
Code
C0
C1
Center detent
Without
With
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
100
90
80
70
60
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
100
C(15C)
Rotation travel (
%)
Term."1"
Term."3"
J
B: For tone & general (model type : 112, 114, 122, 124)
V: For vol. (model type : 112, 114, 12B, 12D)
Marked are specifications recommended by Alps.
Note
Code
A
B
Resistance taper
15A
1B
Resistance taper
3B
15C
Code
V
C
9mm Size Metal Shaft Snap-in Type / Ordering Products Not Listed


Similar Part No. - RK09L12DF12C1B203

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK09L12D0A1T ALPS-RK09L12D0A1T Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L12D0A1T ETC-RK09L12D0A1T Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
RK09L12D0A1W ALPS-RK09L12D0A1W Datasheet
346Kb / 6P
   9mm Size Metal Shaft Snap-in Type
logo
List of Unclassifed Man...
RK09L12D0A1W ETC-RK09L12D0A1W Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RK09L12DF12C1B203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
Murata Manufacturing Co...
XRCGB25M000FFS1JR0 MURATA1-XRCGB25M000FFS1JR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB26M000F1SALR0 MURATA1-XRCGB26M000F1SALR0 Datasheet
428Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SAAR0 MURATA1-XRCGB32M000F1SAAR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SABR0 MURATA1-XRCGB32M000F1SABR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 19, 2022
XRCGB32M000F1SALR0 MURATA1-XRCGB32M000F1SALR0 Datasheet
457Kb / 15P
   Specification of Crystal Unit
May 20, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com