Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C164CM-4R25F Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SAF-C164CM-4R25F
Description  16-Bit Single-Chip Microcontrol ler
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C164CM-4R25F Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SAF-C164CM-4R25F Datasheet HTML 6Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 7Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 8Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 9Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 10Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 11Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 12Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 13Page - Infineon Technologies AG SAF-C164CM-4R25F Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
C164CM
C164SM
Data Sheet
6
V1.0, 2001-05
RSTIN
27
I/O
Reset Input with Schmitt-Trigger characteristics. A low level
at this pin while the oscillator is running resets the C164CM.
An internal pullup resistor permits power-on reset using only
a capacitor connected to
VSS.
A spike filter suppresses input pulses <10 ns. Input pulses
>100 ns safely pass the filter. The minimum duration for a
safe recognition should be 100 ns + 2 CPU clock cycles.
In bidirectional reset mode (enabled by setting bit BDRSTEN
in register SYSCON) the RSTIN line is internally pulled low
for the duration of the internal reset sequence upon any reset
(HW, SW, WDT). See note below this table.
Note: To let the reset configuration of PORT0 settle and to
let the PLL lock a reset duration of ca. 1 ms is
recommended.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function


Similar Part No. - SAF-C164CM-4R25F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C164CI INFINEON-SAF-C164CI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-8EM INFINEON-SAF-C164CI-8EM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-8R25M INFINEON-SAF-C164CI-8R25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-8RM INFINEON-SAF-C164CI-8RM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-L25M INFINEON-SAF-C164CI-L25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results

Similar Description - SAF-C164CM-4R25F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM6010 SHARP-SM6010 Datasheet
25Kb / 2P
   16-Bit Single- Chip Microcomputer
logo
Infineon Technologies A...
XC164CS INFINEON-XC164CS Datasheet
2Mb / 71P
   16-Bit Single-Chip Microcontroller
V2.1, Jun. 2003
C164CM INFINEON-C164CM_2 Datasheet
4Mb / 470P
   16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C167CS-4R INFINEON-C167CS-4R_01 Datasheet
975Kb / 81P
   16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
logo
Renesas Technology Corp
M3776AM8A RENESAS-M3776AM8A Datasheet
26Kb / 3P
   SINGLE-CHIP 16-BIT MICROCOMPUTER
7733 RENESAS-7733 Datasheet
8Mb / 940P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2626 RENESAS-H8S-2626 Datasheet
5Mb / 1069P
   16-Bit Single-Chip Microcomputer
H8S-2655 RENESAS-H8S-2655 Datasheet
5Mb / 1091P
   16-Bit Single-Chip Microcomputer
H8-3022 RENESAS-H8-3022 Datasheet
3Mb / 712P
   16-Bit Single-Chip Microcomputer
logo
Infineon Technologies A...
XC161CJ INFINEON-XC161CJ Datasheet
2Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.2, Jun. 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com