Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0102-100PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100PWR
Description  Two 256-Taps Digital Potentiometers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0102-100PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL0102-100PWR Datasheet HTML 3Page - Texas Instruments TPL0102-100PWR Datasheet HTML 4Page - Texas Instruments TPL0102-100PWR Datasheet HTML 5Page - Texas Instruments TPL0102-100PWR Datasheet HTML 6Page - Texas Instruments TPL0102-100PWR Datasheet HTML 7Page - Texas Instruments TPL0102-100PWR Datasheet HTML 8Page - Texas Instruments TPL0102-100PWR Datasheet HTML 9Page - Texas Instruments TPL0102-100PWR Datasheet HTML 10Page - Texas Instruments TPL0102-100PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Operating Characteristics (continued)
VDD = 2.7 V to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TA = –40°C to 85°C (unless otherwise noted). Typical values are at
VDD = 5 V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I2C Interface Specifications
VIH
Input high voltage
0.7 x VDD
5.5
V
VIL
Input low voltage
0
0.3 x VDD
V
VOL
Output low voltage
SDA pin, IOL = 4 mA
0.4
V
CIN
Pin capacitance
A0, A1, A2, SDA, SCL pins
7
pF
7.7 Timing Requirements
VDD = 2.7 V to 5.5 V, VSS = 0 V, VH = VDD, VL = GND, TA = –40°C to 85°C (unless otherwise noted). Typical values are at VDD
= 5 V, TA = 25°C (unless otherwise noted).
STANDARD
FAST
MODE I2C BUS
MODE I2C BUS
UNIT
MIN
MAX
MIN
MAX
I2C Interface Timing Requirements
fSCL
I2C clock frequency
0
100
0
400
kHz
tSCH
I2C clock high time
4
0.6
µs
tSCL
I2C clock low time
4.7
1.3
µs
tsp
I2C spike time
0
50
0
50
ns
tSDS
I2C serial data setup time
250
100
ns
tSDH
I2C serial data hold time
0
0
ns
tICR
I2C input rise time
1000
20 + 0.1Cb
(1)
300
ns
tICF
I2C input fall time
300
20 + 0.1Cb
(1)
300
ns
tICF
I2C output fall time, 10 pF to 400 pF bus
300
20 + 0.1Cb
(1)
300
ns
tBUF
I2C bus free time between stop and start
4.7
1.3
µs
tSTS
I2C start or repeater start condition setup time
4.7
1.3
µs
tSTH
I2C start or repeater start condition hold time
4
0.6
µs
tSPS
I2C stop condition setup time
4
0.6
µs
tVD(DATA)
Valid data time, SCL low to SDA output valid
1
1
µs
tVD(ACK)
Valid data time of ACK condition, ACK signal from SCL
1
1
µs
low to SDA (out) low
(1)
Cb = total capacitance of one bus line in pF
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPL0102


Similar Part No. - TPL0102-100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
More results

Similar Description - TPL0102-100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
Renesas Technology Corp
X95820 RENESAS-X95820 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com