Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL0102-100PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPL0102-100PWR
Description  Two 256-Taps Digital Potentiometers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0102-100PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPL0102-100PWR Datasheet HTML 5Page - Texas Instruments TPL0102-100PWR Datasheet HTML 6Page - Texas Instruments TPL0102-100PWR Datasheet HTML 7Page - Texas Instruments TPL0102-100PWR Datasheet HTML 8Page - Texas Instruments TPL0102-100PWR Datasheet HTML 9Page - Texas Instruments TPL0102-100PWR Datasheet HTML 10Page - Texas Instruments TPL0102-100PWR Datasheet HTML 11Page - Texas Instruments TPL0102-100PWR Datasheet HTML 12Page - Texas Instruments TPL0102-100PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
0
0.5
1
1.5
2
-40
-15
10
35
60
85
T - Free-Air Temperature - °C
A
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
-40
-15
10
35
60
85
T - Free-Air Temperature - °C
A
-1
-0.75
-0.5
-0.25
0
0.25
0.5
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
16
80
144
208
Digital Code
0
100
200
300
400
500
600
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
-25
-20
-15
-10
-5
0
100
1k
10k
100k
1M
f - Frequency - Hz
Code = 80h
-0.4
-0.2
0
0.2
0.4
0
32
64
96
128
160
192
224
Digital Code
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
T = 25°C
A
-0.4
-0.2
0
0.2
0.4
0.6
0
32
64
96
128
160
192
224
Digital Code
V = 5 V
I
V = 2.7 V
I
V = 5.5 V
I
T = 25°C
A
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
Figure 7. Rheostat Mode RINL vs Digital Code (25°C)
Figure 8. Rheostat Mode RDNL vs Digital Code (25°C)
Figure 10. Rheostat Mode Gain vs Frequency
Figure 9. Rheostat Mode TCR vs Digital Code
Figure 11. Voltage Divider Mode FS Error vs Temperature
Figure 12. Voltage Divider Mode ZS Error vs Temperature
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPL0102


Similar Part No. - TPL0102-100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102-100PWR TI1-TPL0102-100PWR Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
More results

Similar Description - TPL0102-100PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
Renesas Technology Corp
X95820 RENESAS-X95820 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X95840 RENESAS-X95840 Datasheet
1Mb / 13P
   Quad Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
X9258 RENESAS-X9258 Datasheet
801Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps Quad Digital Controlled Potentiometers (XDCP??
logo
ON Semiconductor
CAT5259WI-50 ONSEMI-CAT5259WI-50 Datasheet
271Kb / 16P
   Quad Digitally Programmable Potentiometers with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. I
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5261WI-50 ONSEMI-CAT5261WI-50 Datasheet
240Kb / 15P
   Dual Digitally Programmable Potentiometers with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com