Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3000 Datasheet(PDF) 11 Page - Texas Instruments

Part # TS3USB3000
Description  DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3000 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3USB3000_15 Datasheet HTML 7Page - Texas Instruments TS3USB3000_15 Datasheet HTML 8Page - Texas Instruments TS3USB3000_15 Datasheet HTML 9Page - Texas Instruments TS3USB3000_15 Datasheet HTML 10Page - Texas Instruments TS3USB3000_15 Datasheet HTML 11Page - Texas Instruments TS3USB3000_15 Datasheet HTML 12Page - Texas Instruments TS3USB3000_15 Datasheet HTML 13Page - Texas Instruments TS3USB3000_15 Datasheet HTML 14Page - Texas Instruments TS3USB3000_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
GND
VCC
D-
/OE
SEL
D+
MHL-
USB-
MHL+
USB+
Application
Processor
Charger
IC
VBUS
D-
D+
GND
5 V
Æ 9 V
Potential short
in connector
Phone/Tablet
3.3 V
TS3USB3000
Battery
TS3USB3000
www.ti.com
SCDS337B – DECEMBER 2012 – REVISED DECEMBER 2015
Feature Description (continued)
In Figure 13, the system has an application processor (AP) that cannot survive 9-V on the USB data lines. The
following procedure protects the system and the TS3USB3000. As stated in the Absolute Maximum Ratings
footnotes, the 9-V rating is only applicable while the VCC is powered within the voltage range of the
recommended operating conditions and the OE pin is high.
1. After a charger is connected to the USB port, the AP detects that a DCP is attached.
2. The AP pulls the OE pin high to disable the switches.
3. The AP communicates to the Charger that it can negotiate for a faster charging mode with VBUS at 9-V.
4. The TS3USB3000 is now in a low-power state with the switches disabled and can protect the AP.
Figure 13. Potential VBUS to D- Short Example
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS3USB3000


Similar Part No. - TS3USB3000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3000RLSR TI-TS3USB3000RLSR Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3000RSER TI-TS3USB3000RSER Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
More results

Similar Description - TS3USB3000_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
logo
ON Semiconductor
NLAS7222A ONSEMI-NLAS7222A_11 Datasheet
205Kb / 11P
   High-Speed USB 2.0 DPDT Switch
October, 2011 ??Rev. 5
FSA3030 ONSEMI-FSA3030 Datasheet
501Kb / 14P
   High-Speed USB2.0/Mobile High- Definition Link
July 2016 Rev. 1.12
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
ON Semiconductor
FSA3031 ONSEMI-FSA3031 Datasheet
870Kb / 15P
   Dual High-Speed USB2.0 with Mobile High-Definition Link
November 2012 Rev. 1.0.4
logo
Alpha & Omega Semicondu...
AOZ6185 AOSMD-AOZ6185 Datasheet
528Kb / 10P
   High-Speed USB and Audio DPDT Switch
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com