Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C515-1R24M Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAB-C515-1R24M
Description  8-Bit CMOS Microcontroller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C515-1R24M Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAB-C515-1R24M Datasheet HTML 7Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 8Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 9Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 10Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 11Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 12Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 13Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 14Page - Infineon Technologies AG SAB-C515-1R24M Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
Semiconductor Group
11
1997-08-01
C515
EA
49
I
External Access Enable
When held high, the C515 executes instructions from
the internal ROM (C515-1R) as long as the program
counter is less than 2000H. When held low, the C515
fetches all instructions from ext. program memory. For
the C515-L this pin must be tied low.
P0.0-P0.7
52-59
I/O
Port 0
is an 8-bit open-drain bidirectional I/O port. Port 0 pins
that have 1's written to them float, and in that state can
be used as high-impedance inputs. Port 0 is also the
multiplexed low-order address and data bus during
accesses to external program and data memory. In this
application it uses strong internal pullup resistors when
issuing 1's. Port 0 also outputs the code bytes during
program verification in the C515-1R. External pullup
resistors are required during program verification.
P5.ß-P5.7
67-60
I/O
Port 5
is an 8-bit quasi-bidirectional I/O port with internal pullup
resistors. Port 5 pins that have 1's written to them are
pulled high by the internal pullup resistors, and in that
state can be used as inputs. As inputs, port 5 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pullup resistors.
P4.0-P4.7
72-74,
76-80
I/O
Port 4
is an 8-bit quasi-bidirectional I/O port with internal pull-
up resistors. Port 4 pins that have 1’s written to them are
pulled high by the internal pull-up resistors, and in that
state can be used as inputs. As inputs, port 4 pins being
externally pulled low will source current (I IL, in the DC
characteristics) because of the internal pull-up resistors.
PE
75
I
Power saving mode enable
A low level on this pin allows the software to enter the
power saving modes (idle mode and power down
mode). When PE is held at high level it is impossible to
enter the power saving modes. When left unconnected
this pin is pulled high by a weak internal pull-up resistor.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions (cont’d)
Symbol
Pin Number
(P-MQFP-80)
I/O*)
Function


Similar Part No. - SAB-C515-1R24M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C515-1R24M SIEMENS-SAB-C515-1R24M Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C515-1R24M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com