Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLY35-10 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CLY35-10
Description  HiRel C-Band GaAs Power-MESFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY35-10 Datasheet(HTML) 1 Page - Infineon Technologies AG

  CLY35-10 Datasheet HTML 1Page - Infineon Technologies AG CLY35-10 Datasheet HTML 2Page - Infineon Technologies AG CLY35-10 Datasheet HTML 3Page - Infineon Technologies AG CLY35-10 Datasheet HTML 4Page - Infineon Technologies AG CLY35-10 Datasheet HTML 5Page - Infineon Technologies AG CLY35-10 Datasheet HTML 6Page - Infineon Technologies AG CLY35-10 Datasheet HTML 7Page - Infineon Technologies AG CLY35-10 Datasheet HTML 8Page - Infineon Technologies AG CLY35-10 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CLY35
Semiconductor Group
1 of 9
Draft D, September 99
HiRel C-Band GaAs Power-MESFET
HiRel Discrete and Microwave Semiconductor
For professional power amplifiers
For frequencies from 100 MHz to 4.5 GHz
Hermetically sealed microwave power package
Low thermal resistance for
high voltage application
Power added efficiency > 53 %
Space Qualification Expected 1998
ESA/SCC Detail Spec. No.: 5614/008,
Type Variant No.s 04 to 06
ESD: Electrostatic discharge sensitive device, observe handling precautions!
Type
Marking
Ordering Code
Pin Configuration
Package
123
CLY35-00 (ql)
CLY35-05 (ql)
CLY35-10 (ql)
-
see below
G
S
D
MWP-35
CLY35-nn: specifies output power level (see electrical characteristics)
(ql) Quality Level:
P: Professional Quality,
Ordering Code:
Q62702L113
H: High Rel Quality,
Ordering Code:
on request
S: Space Quality,
Ordering Code:
on request
ES: ESA Space Quality,
Ordering Code:
Q62702L112
(see order instructions for ordering example)


Similar Part No. - CLY35-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-00 INFINEON-CLY32-00 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-05 INFINEON-CLY32-05 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-10 INFINEON-CLY32-10 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
More results

Similar Description - CLY35-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY38 INFINEON-CLY38 Datasheet
581Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX34 INFINEON-CLX34 Datasheet
636Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX27 INFINEON-CLX27 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com