Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKQMAQE010 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKQMAQE010
Description  Tall height (4.3mm and 5.0mm) and surface mount type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKQMAQE010 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKQMAQE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKQMAQE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKQMAQE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
259
259
 
TACT SwitchTM Soldering Conditions
1. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at solder joints
 (copper foil surface).
A heat resistive tape should be used to fix thermocouple.
2. Temperature profile
Condition for Reflow
Available for Surface Mount Type.
180
150
260˚C max. 3 sec max.
230˚C
Time
120 sec max.
(pre-heating)
3 to 4min.
Time inside soldering equipment
Temperature (˚C )
40s max.
1. Prevent flux penetration from the top side of the TACT SwitchTM.
2. Switch terminals and a PC board should not be coated with flux prior to soldering.
3. The second soldering should be done after the switch is stable with normal temperature.
4. Use the flux with a specific gravity of min 0.81.
(EC-19S-8 by TAMURA Corporation, or equivalents.)
Notes
1. The above temperature shall be measured of the top of switch. There are cases where the PC board's temperature greatly
differs from that of the switch, depending on the material, size, thickness of PC boards and others.
  The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines.
Prior verification of soldering condition is highly recommended.
Notes
Conditions for Auto-dip
Available for Snap-in Type and Radial Type.
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 100℃ max.
Preheating time
60s max.
Soldering temperature
260℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
SKHH, SKPD Series
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 110℃ max.
Preheating time
60s max.
Soldering temperature
260℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
SKQJ, SKQK, SKEG Series
Items
Condition
Flux built-up
Mounting surface should not be exposed to flux
Preheating temperature Ambient temperature of the soldered surface of PC board. 100℃ max.
Preheating time
45s max.
Soldering temperature
255℃ max.
Duration of immersion
5s max.
Number of soldering
2times max.
Manual Soldering
Items
Condition
Soldering temperature
350℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
60W max.
SKHH, SKHW, SKRG, SKPD Series
Items
Condition
Soldering temperature
360℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
60W max.
SKTD, SKTG, SKQJ, SKQK, SKEG Series
Items
Condition
Soldering temperature
350℃ max.
Duration of soldering
3s max.
Capacity of soldering iron
20W max.


Similar Part No. - SKQMAQE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKQMAQE010 ALPS-SKQMAQE010 Datasheet
176Kb / 3P
   6횞3.5mm Compact (Surface Mount Type)
More results

Similar Description - SKQMAQE010

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LPG9033-TR2 LIGITEK-LPG9033-TR2 Datasheet
134Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LPGF9033-TR2 LIGITEK-LPGF9033-TR2 Datasheet
172Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LSE9033-TR2-09 LIGITEK-LSE9033-TR2-09 Datasheet
139Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR1 LIGITEK-LVY9033-TR1 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LVY9033-TR2 LIGITEK-LVY9033-TR2 Datasheet
105Kb / 9P
   SURFACE MOUNT TYPE AND REEL
LVY9033-T-TR2 LIGITEK-LVY9033-T-TR2 Datasheet
132Kb / 8P
   SURFACE MOUNT TYPE AND REEL
LHY9033-TR2 LIGITEK-LHY9033-TR2 Datasheet
130Kb / 8P
   SURFACE MOUNT TYPE AND REEL
logo
Sanken electric
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
logo
Kingbright Corporation
AAAF5051-02 KINGBRIGHT-AAAF5051-02 Datasheet
352Kb / 9P
   5.0mm x 5.0mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com