Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRGASD010 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRGASD010
Description  6.2mm Diameter Round Terminal (Radial Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRGASD010 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SKRGASD010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRGASD010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRGASD010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKRGASD010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
187
187
 
Type
Sharp Feeling Type
Snap–in
Radial
Series
SKHL
SKHH
SKQJ
SKQB
SKRG
SKQK
SKRC
Photo
Features
Round
terminal type
Round
terminal type
Water-proof
Dust-proof
IP standard
Operating
direction
Top push
Side push
Dimensions
(mm)
W
7.3
7.5
7.5
11.5
V6.2
□6.6
V9
D
7.22
7.85
7.85
11.9
H
4.3
7.4
7.3
11.3
See the relevant pages for
respective product descriptions
5
13
Operation
force
coverage
to 1N
1N to 2N
2N to 3N
3N to 4N
4N to 5N
Travel(mm)
0.25
0.3
0.25
Ground terminal
Operating temperature range
−40℃ to +90℃
−20℃ to +70℃ −40℃ to 95℃ −40℃ to +90℃ −20℃ to +70℃ −30℃ to +85℃
Automotive use
Life Cycle
Electrical
performance
Rating(max.)
(Resistive load)
50mA 12V DC
Rating(min.)
(Resistive load)
10μA 1V DC
Insulation resistance
100MΩ min. 100V DC 1min.
Voltage proof
250V AC 1min.
Durability
Vibration
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies,
in the 3 direction of X, Y and Z for 2 hours respectively
Lifetime
Shall be in accordance with individual specifications.
Environmental
performance
Cold
−40℃ 96h
−30℃ 96h
−40℃ 96h
−30℃ 96h
−40℃ 96h
Dry heat
90℃ 96h
80℃ 96h
90℃ 96h
80℃ 96h
90℃ 96h
Damp heat
60℃, 90 to 95%RH 96h
60℃, 90 to
95%RH 1,000h
60℃, 90 to 95%RH 96h
60℃, 90 to
95%RH 1,000h
Page
193
195
200
202
246
248
249
TACT SwitchTM Soldering Conditions・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 259
TACT SwitchTM Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 260
Notes
1. The automotive operating temperature range to be individually discussed upon request.
2. Indicates applicability to all products in the series, while indicates applicability to some products in the series.
W:Width. The most outer dimension excluding terminal portion.
D:Depth. The most outer dimension excluding terminal portion.
H:Height. The minimum dimension if there are variances.


Similar Part No. - SKRGASD010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRGASD010 ALPS-SKRGASD010 Datasheet
153Kb / 3P
   6.2mm Diameter Round Terminal (Radial Type)
More results

Similar Description - SKRGASD010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRG ALPS-SKRG Datasheet
153Kb / 3P
   6.2mm Diameter Round Terminal (Radial Type)
SKRC ALPS-SKRC Datasheet
146Kb / 3P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKRC ALPS-SKRC_15 Datasheet
680Kb / 4P
   9mm Diameter Water-proof with Round Terminals (Radial Type)
SKPL ALPS-SKPL Datasheet
186Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKPL ALPS-SKPL_15 Datasheet
833Kb / 3P
   6.45mm Diameter Low Contact Resistance with Round Terminals (Radial Type)
SKRA ALPS-SKRA Datasheet
175Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
logo
Marktech Corporate
MT5385-UV MARKTECH-MT5385-UV Datasheet
471Kb / 2P
   Super bright LED lamp, round type, 5mm diameter, lens color
MT5400-UV MARKTECH-MT5400-UV Datasheet
447Kb / 2P
   Super bright LED lamp, round type, 5mm diameter, lens color
logo
Cornell Dubilier Electr...
418P CDE-418P Datasheet
294Kb / 8P
   Radial-lead. Round profile.
logo
ALPS ELECTRIC CO.,LTD.
SKRA ALPS-SKRA_15 Datasheet
855Kb / 3P
   6.2mm Square with Middle-travel (Surface Mount Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com