Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPTIC-82G1H5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPTIC-82G1H5
Description  Parascan tunable integrated capacitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-82G1H5 Datasheet(HTML) 1 Page - STMicroelectronics

  STPTIC-82G1H5 Datasheet HTML 1Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 2Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 3Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 4Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-82G1H5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
February 2015
DocID023772 Rev 4
1/13
STPTIC
Parascan™ tunable integrated capacitor
Datasheet
- production data
Features
• High power capability (+36 dBm)
• High tuning range (3.5/1)
• High quality factor (Q)
• High linearity device
• Low leakage current
• Capacitor bias is DC blocked
• Frequency of operation from DC to 3 GHz
• 8 values available: 1.2 pF, 2.7 pF, 3.3 pF,
3.9 pF, 4.7 pF, 5.6 pF, 6.8 pF and 8.2 pF
• Analog control voltage
• Compatible with high voltage control IC
(STHVDAC series)
• Available in plastic molded package:
– µQFN package 1.2 x 1.6 x 0.9 mm
– Flip Chip 0.65 x 1.0 x 0.3 mm
– Flip Chip 0.65 x 1.2 x 0.3 mm
• ECOPACK®2 compliant component
Benefit
• RF tunable passive implementation in mobile
phones to optimize antenna radiated
performances.
Applications
• Cellular Antenna open loop tunable matching
network in multi-band GSM/WCDMA/LTE
mobile phone
• Open loop tunable RF filters
Description
The ST integrated tunable capacitor, offers
excellent RF performance, low power
consumption and high linearity required in
adaptive RF tuning applications. The fundamental
building block of PTIC is a tunable material called
Parascan, which is a version of barium strontium
titanate (BST) developed by Paratek microwave.
BST capacitances are tunable capacitances
intended for use in mobile phone application, and
dedicated to RF tunable applications. These
tunable capacitances are controlled through a
bias voltage ranging from 2 to 20 V. The use of
BST tunable capacitance in mobile phones
enables significant improvement in terms of
radiated performances making the performance
almost insensitive to the external environment.
TM: Parascan is a trade mark of Paratek microwave Inc.
µQFN
Flip Chip
www.st.com


Similar Part No. - STPTIC-82G1H5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-82G1H5 STMICROELECTRONICS-STPTIC-82G1H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

Similar Description - STPTIC-82G1H5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPTIC-27L2 STMICROELECTRONICS-STPTIC-27L2 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-33G2 STMICROELECTRONICS-STPTIC-33G2 Datasheet
470Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
STPTIC-56G2 STMICROELECTRONICS-STPTIC-56G2 Datasheet
471Kb / 11P
   Parascan??tunable integrated capacitor
July 2015 Rev 1
logo
Peregrine Semiconductor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64905 PSEMI-PE64905 Datasheet
610Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
logo
ON Semiconductor
TCP-3027HA ONSEMI-TCP-3027HA Datasheet
182Kb / 7P
   Passive Tunable Integrated Circuits
August, 2015 ??Rev. 2
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com