Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV2553-Q1
Description  12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2553-Q1_15 Datasheet HTML 7Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 8Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 9Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 10Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 11Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 12Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 13Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 14Page - Texas Instruments TLV2553-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Free-Air Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
0.74
0.76
0.78
0.80
0.82
0.84
0.86
0.88
0.90
D019
Free-Air Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
-0.338
-0.337
-0.336
-0.335
-0.334
-0.333
-0.332
-0.331
-0.330
-0.329
D020
Free-Air Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
D017
Free-Air Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
D018
Free-Air Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
D015
Free-Air Temperature (GC)
-40
-25
-10
5
20
35
50
65
80
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
D016
TLV2553-Q1
www.ti.com
SLAS579A – APRIL 2009 – REVISED JUNE 2015
Typical Characteristics (continued)
VREF– = 0 V
VCC = 5.5 V
VREF+ = 4.096 V
I/O clock = 15 MHz
VCC = 5.5 V
VREF+ = 4.096 V
I/O clock = 15 MHz
Figure 13. Software Power Down vs Free-Air Temperature
Figure 14. Auto Power Down vs Free-Air Temperature
VCC = 5.5 V
VREF+ = 4.096 V
I/O clock = 15 MHz
VCC = 5.5 V
VREF+ = 4.096 V
I/O clock = 15 MHz
Figure 15. Maximum Differential Nonlinearity vs Free-Air
Figure 16. Minimum Differential Nonlinearity vs Free-Air
Temperature
Temperature
VCC = 5.5 V
VREF+ = 4.096 V
I/O clock = 15 MHz
VCC = 5.5 V
VREF+ = 4.096 V
I/O clock = 15 MHz
Figure 17. Maximum Integral Nonlinearity vs Free-Air
Figure 18. Minimum Integral Nonlinearity vs Free-Air
Temperature
Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV2553-Q1


Similar Part No. - TLV2553-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
More results

Similar Description - TLV2553-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
logo
Analog Devices
AD678 AD-AD678_15 Datasheet
305Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD678 AD-AD678 Datasheet
311Kb / 14P
   12-Bit 200 kSPS Complete Sampling ADC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com