Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2553IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2553IPW
Description  11-Channel, Low-Power, Serial ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2553IPW Datasheet(HTML) 5 Page - Texas Instruments

  TLV2553IPW Datasheet HTML 1Page - Texas Instruments TLV2553IPW Datasheet HTML 2Page - Texas Instruments TLV2553IPW Datasheet HTML 3Page - Texas Instruments TLV2553IPW Datasheet HTML 4Page - Texas Instruments TLV2553IPW Datasheet HTML 5Page - Texas Instruments TLV2553IPW Datasheet HTML 6Page - Texas Instruments TLV2553IPW Datasheet HTML 7Page - Texas Instruments TLV2553IPW Datasheet HTML 8Page - Texas Instruments TLV2553IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
TLV2553
www.ti.com
SLAS354C – SEPTEMBER 2001 – REVISED SEPTEMBER 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.7
5.5
V
16-bit I/O
0.01
15
VCC = 4.5 V to 5.5 V 12-bit I/O
0.01
15
I/O CLOCK frequency
MHz
8-bit I/O
0.01
15
VCC = 2.7 V to 3.6 V
0.01
10
I/O
Tolerable clock jitter
VCC = 4.5 V to 5.5 V
0.38
ns
CLOCK
Aperature jitter
VCC = 4.5 V to 5.5 V
100
ps
VCC = 4.5 V to 5.5 V
0
(REF+ ) – (REF– )
Analog input voltage(1)
VCC = 3 V to 3.6 V
0
(REF+ ) – (REF– )
V
VCC = 2.7 V to 3 V
0
(REF+ ) – (REF– )
VCC = 4.5 V to 5.5 V
2
VIH
High-level control input voltage
V
VCC = 2.7 V to 3.6 V
2.1
VCC = 4.5 V to 5.5 V
0.8
VIL
Low-level control input voltage
V
VCC = 2.7 V to 3.6 V
0.6
TA
Operating free-air temperature
TLV2553I
–40
85
°C
(1)
Analog input voltages greater than the voltage applied to REF+ convert as all ones (111111111111), while input voltages less than the
voltage applied to REF– convert as all zeros (000000000000).
6.4 Thermal Information
TLV2553
THERMAL METRIC(1)
DW (SOIC)
PW (TSSOP)
UNIT
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
66
88.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.4
21.6
°C/W
RθJB
Junction-to-board thermal resistance
33.7
40.4
°C/W
ψJT
Junction-to-top characterization parameter
7.4
0.8
°C/W
ψJB
Junction-to-board characterization parameter
33.3
39.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV2553


Similar Part No. - TLV2553IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553IPW TI1-TLV2553IPW Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553IPWG4 TI-TLV2553IPWG4 Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553IPWG4 TI1-TLV2553IPWG4 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553IPWR TI-TLV2553IPWR Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
More results

Similar Description - TLV2553IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2556 TI1-TLV2556_16 Datasheet
1Mb / 39P
[Old version datasheet]   11-Channel Low-Power Serial ADC
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553 TI-TLV2553 Datasheet
456Kb / 28P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1 Datasheet
401Kb / 28P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ADC
TLV2553 TI1-TLV2553_14 Datasheet
986Kb / 30P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
TLV2553-Q1 TI1-TLV2553-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit 200-KSPS 11-Channel Low-Power Serial ADC
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com