Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP815 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 1 Page - Texas Instruments

  TMP815_15 Datasheet HTML 1Page - Texas Instruments TMP815_15 Datasheet HTML 2Page - Texas Instruments TMP815_15 Datasheet HTML 3Page - Texas Instruments TMP815_15 Datasheet HTML 4Page - Texas Instruments TMP815_15 Datasheet HTML 5Page - Texas Instruments TMP815_15 Datasheet HTML 6Page - Texas Instruments TMP815_15 Datasheet HTML 7Page - Texas Instruments TMP815_15 Datasheet HTML 8Page - Texas Instruments TMP815_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TMP815
Vm
Speed Setting
Soft Start
Lock Detection
Speed Output
Frequency Set
Current Limit
H+
H-
Motor
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMP815
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
TMP815 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
1
1 Features
Single-Phase Full-Wave Driving Predriver
Rotation Speed Detection (FG) and Lock
Detection (RD) Output
Low Saturation Drive Using External P-channel
Thermal Shutdown Circuit Incorporated
Devices at Top and N-channel Devices in
Bottom in H-bridge Configuration Enables
2 Applications
High-Efficiency Low-Power Consumption Drive
Variable Speed Control Possible With External
Server Fans
PWM Input
Appliance Fans
Separately Excited Upper Direct PWM (f = 30
kHz) Control Method Ensures Quiet Speed
3 Description
Control
The TMP815 device is a single-phase bipolar driving
motor predriver with a variable-speed function that is
Current Limiter Circuit Incorporated
compatible with an external PWM signal. A highly
Chopper Type Current Limiting Made at Start-
efficient and quiet variable-drive fan motor with low-
up and During Lock
power consumption can be achieved with few
Reactive Current Cut Circuit Incorporated
external parts.
Reactive Current Before Phase Change Is Cut
This device is best suited for driving of the servers
to Enable Silent and Low-Consumption Drive
requiring large air flow and large current or the fan
Minimum-Speed Setting Pin
motors of consumer appliances.
Minimum Speed Can be Set With External
Device Information (1)
Resistor
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Soft-Start Setting Pin
TMP815
TSSOP (PW)
4.40 mm × 5.00 mm
Lock Protection and Automatic Reset Circuits
(1) For all available packages, see the orderable addendum at
Incorporated
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMP815_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8155 TOSHIBA-TMP8155 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8155P-2 TOSHIBA-TMP8155P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8156P-2 TOSHIBA-TMP8156P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
More results

Similar Description - TMP815_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com