Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKRVAAE010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRVAAE010
Description  Low-profile 4-direction with Center-push Function (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRVAAE010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKRVAAE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRVAAE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRVAAE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
435
Type
Switch type
Series
RKJXL
RKJXS
SKRV
SKRH
SKRHAA/AB
SKRHAC/AD
Photo
Dimensions
(typical value)
(mm)
W
13
11.7
6.45
7.35/7.45
D
6.4
7.5
H
6.4
2.3
4
5
Number of operating shafts
Single-shaft
Shaft material
Metal
Resin
Directional resolution
8-direction
4-direction
Directional operating feeling
(tactile feeling)
Without
With
Lever return mechanism
With
Center-push switch
With
Encoder
Without
Operating temperature range
−30℃ to +70℃
−20℃ to +70℃
−40℃ to +85℃
Operating
life
Directional operation
total with 8-direction
100,000 cycles
500,000 cycles
for each direction
200,000 cycles
for each direction
200,000 cycles
for each
direction
1,000,000 cycles
for each
direction
Center-push
100,000 cycles
500,000 cycles
200,000 cycles
200,000 cycles 1,000,000 cycles
Encoder
Automotive use
Life cycle (availability)
Rating(max.)(Resistive load)
10mA 5V DC
50mA 12V DC
Electrical
performance
Output voltage
Encoder resolution
Insulation resistance
100MΩ min. 250V DC
50MΩ min. 50V DC
100MΩ min. 100V DC
Voltage proof
300V AC for 1min. or
360V AC for 2s
50V AC for 1min. or
60V AC for 2s
100V AC for 1min.
Mechanical
performance
Directionaloperatingforce
10±7mN・m
0.8±0.5N
1.2±0.6N
1.23±0.69N
1.2±0.69N
Push operating force
4.5±1N
2.5±1.5N
2.4±0.69N
2.35±0.69N
Encoder detent torque
Terminal strength
Actuator
strength
Push / pull
directions 100N(Push),50N(Pull)
30N(Push),10N(Pull)
Operating
direction
100N
20N
29.4N
Environmental
performance
Cold
−40℃ 500h
−40℃ 96h
−30℃ 96h
−40℃ 96h
Dry heat
85℃ 500h
85℃ 96h
80℃ 96h
90℃ 96h
Damp heat
60℃, 90 to 95%RH 500h
60℃, 90 to 95%RH 96h
Page
451
452
453
454
Switch Type Multi Control Devices Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 461
Switch Type Multi Control Devices Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 462
Note Indicates applicability to all products in the series.
5V
5K
+
Measuring
terminal
Measuring
circuit
1V max. at 1mA 5V DC(Resistive load)


Similar Part No. - SKRVAAE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRVAAE010 ALPS-SKRVAAE010 Datasheet
185Kb / 3P
   Low-profile 4-direction with Center-push Function (Surface Mount Type)
More results

Similar Description - SKRVAAE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRV ALPS-SKRV Datasheet
185Kb / 3P
   Low-profile 4-direction with Center-push Function (Surface Mount Type)
SKRH ALPS-SKRH Datasheet
177Kb / 3P
   4-direction with Center-push Function (Surface mount type)
SKRH ALPS-SKRH_15 Datasheet
670Kb / 3P
   4-direction with Center-push Function (Surface Mount Type)
SKQU ALPS-SKQU Datasheet
244Kb / 4P
   4-direction with Center-push Function (SMD & Snap-inType)
RKJXS ALPS-RKJXS_15 Datasheet
838Kb / 3P
   8-direction center push type switch in 2.3mm low-profile design
RKJXT1F ALPS-RKJXT1F Datasheet
140Kb / 2P
   4-directional Stick Switch (with Encoder/Center-push Function)
logo
Rohm
RPI-1035 ROHM-RPI-1035 Datasheet
410Kb / 5P
   Surface Mount type 4 Direction Detector
RPI-1031 ROHM-RPI-1031 Datasheet
74Kb / 2P
   Surface Mount type 4 Direction Detector
RPI-1040 ROHM-RPI-1040 Datasheet
69Kb / 3P
   Surface Mount type 4 Direction Detector
logo
ALPS ELECTRIC CO.,LTD.
RKJXL ALPS-RKJXL Datasheet
136Kb / 2P
   8-directional Stick Switch (with Center-push Function)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com