Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD2S017 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPD2S017
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPD2S017_15 Datasheet HTML 4Page - Texas Instruments TPD2S017_15 Datasheet HTML 5Page - Texas Instruments TPD2S017_15 Datasheet HTML 6Page - Texas Instruments TPD2S017_15 Datasheet HTML 7Page - Texas Instruments TPD2S017_15 Datasheet HTML 8Page - Texas Instruments TPD2S017_15 Datasheet HTML 9Page - Texas Instruments TPD2S017_15 Datasheet HTML 10Page - Texas Instruments TPD2S017_15 Datasheet HTML 11Page - Texas Instruments TPD2S017_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
20
40
60
80
100
120
140
160
180
200
Time (nS)
-5
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
TPD2S017
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
www.ti.com
8.2.2 Detailed Design Procedure
To begin the design process, some parameters must be decided upon; the designer should make sure:
Voltage range on the protected lines must not go beyond one forward diode drop above the VCC and must no
go below one forward diode drop below the ground.
Operating frequency is supported by the IO capacitance CIO.
IEC 61000-4-2 protection requirement is covered by the IEC performance of the TVS diode.
For this application, a high speed USB 2.0 signal that ranges from –10 mV to 440 mV will be applied to each line.
Connect a 5-V power supply to VCC pin; therefore, the signal will not fall outside of the normal operation range
and the TPD2S017 will stay passive and low leakage during normal operation.
Next, consider the data rate of this signal and ensure that the TVS I/O capacitance will not distort this signal by
filtering it. The speed of a USB 2.0 high-speed signal is 480 Mbit/s. With TPD2S017's ultra low IO capacitance,
this device can support 1.5 Gbit/s data rate and thus can pass USB 2.0 high-speed signal with minimal distortion.
Finally, TPD2S017 is rated for the IEC 61000-4-2 (Level 4) so it provides sufficient system-level ESD protection
to the human interface in this application. See Layout Example for instructions on properly laying out TPD2S017.
8.2.3 Application Curves
Figure 7. IEC Clamping Waveforms
Figure 8. IEC Clamping Waveforms
8-kV Contact, 1-GHz Bandwidth
–8-kV Contact, 1-GHz Bandwidth
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TPD2S017


Similar Part No. - TPD2S017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
More results

Similar Description - TPD2S017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
   2 Channel Ultra low capacitance ESD Protection
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
   Ultra Low Capacitance 2 line ESD protection
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com