Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD3E001DRLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD3E001DRLR
Description  Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD3E001DRLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD3E001DRLR Datasheet HTML 3Page - Texas Instruments TPD3E001DRLR Datasheet HTML 4Page - Texas Instruments TPD3E001DRLR Datasheet HTML 5Page - Texas Instruments TPD3E001DRLR Datasheet HTML 6Page - Texas Instruments TPD3E001DRLR Datasheet HTML 7Page - Texas Instruments TPD3E001DRLR Datasheet HTML 8Page - Texas Instruments TPD3E001DRLR Datasheet HTML 9Page - Texas Instruments TPD3E001DRLR Datasheet HTML 10Page - Texas Instruments TPD3E001DRLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
D-
D+
GND
VBUS
USB
Controller
IO1
IO2
IO3
GND
VCC
0.1µF
ID
TPD3E001
www.ti.com
SLLS683F – JULY 2006 – REVISED OCTOBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
TPD3E001 is a diode array type Transient Voltage Suppressor (TVS) which is typically used to provide a path to
ground for dissipating ESD events on hi-speed signal lines between a human interface connector and a system.
As the current from ESD passes through the TVS, only a small voltage drop is present across the diode. This is
the voltage presented to the protected IC. The low RDYN of the triggered TVS holds this voltage, VCLAMP, to a
tolerable level to the protected IC.
8.2 Typical Application
Figure 3. Typical Application Schematic
8.2.1 Design Requirements
For this design example, a single TPD3E001 is used to protect all the pins of a USB2.0 micro-AB connector. The
micro-AB connector has an extra pin, the ID pin, which is used by the device to determine whether it is to
perform the "A" role or the "B' role. This functionality the ID offers is part of the USB On-the-Go (OTG) Standard.
The TPD3E001 offers 3-channels of IEC Level ESD protection to provide complete protection for the USB micro-
AB style connector, plus VCC (VBUS, D+, D-, ID).
Given the USB application, the following parameters are known.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Signal range on IO1, IO2
0 V to 3.6 V
State of IO3 (ID)
GND or Floating
Signal voltage range on VCC
0 V to 5.25 V
Operating Frequency
240 MHz
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD3E001


Similar Part No. - TPD3E001DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD3E001DRLR TI-TPD3E001DRLR Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLR TI-TPD3E001DRLR Datasheet
778Kb / 15P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
logo
TECH PUBLIC Electronics...
TPD3E001DRLR-TP TECHPUBLIC-TPD3E001DRLR-TP Datasheet
2Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
logo
Texas Instruments
TPD3E001DRLRG4 TI-TPD3E001DRLRG4 Datasheet
362Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD3E001DRLRG4 TI-TPD3E001DRLRG4 Datasheet
778Kb / 15P
[Old version datasheet]   LOW-CAPACITANCE 3-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results

Similar Description - TPD3E001DRLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_17 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
TPD3E001DRYR-TP TECHPUBLIC-TPD3E001DRYR-TP Datasheet
1Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
logo
TECH PUBLIC Electronics...
TPD3E001DRLR-TP TECHPUBLIC-TPD3E001DRLR-TP Datasheet
2Mb / 5P
   Low-Capacitance 3-Channel ESD-Protection for High-Speed Date Interfaces
logo
AMAZING Microelectronic...
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com