Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E02B04 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E02B04
Description  4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E02B04 Datasheet(HTML) 5 Page - Texas Instruments

  TPD4E02B04 Datasheet HTML 1Page - Texas Instruments TPD4E02B04 Datasheet HTML 2Page - Texas Instruments TPD4E02B04 Datasheet HTML 3Page - Texas Instruments TPD4E02B04 Datasheet HTML 4Page - Texas Instruments TPD4E02B04 Datasheet HTML 5Page - Texas Instruments TPD4E02B04 Datasheet HTML 6Page - Texas Instruments TPD4E02B04 Datasheet HTML 7Page - Texas Instruments TPD4E02B04 Datasheet HTML 8Page - Texas Instruments TPD4E02B04 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
0
5
10
15
20
25
30
0
3
6
9
12
15
18
21
24
Voltage (V)
C001
0
5
10
15
20
25
30
0
3
6
9
12
15
18
21
24
Voltage (V)
C002
5
TPD4E02B04
www.ti.com
SLVSD85A – NOVEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: TPD4E02B04
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
VBRF and VBRR are defined as the voltage when 1mA is applied in the positive-going direction, before the device latches into the
snapback state
(2)
VHOLD is defined as the voltage when 1mA is applied in the negative-going direction, after the device has successfully latched into the
snapback state
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRWM
Reverse stand-off voltage
IIO < 10 nA
-3.6
3.6
V
VBRF
Breakdown Voltage, any IO pin to
GND(1)
IIO = 1 mA, TA = 25°C
5.5
6.4
7.5
V
VBRR
Breakdown Voltage, GND to any IO
pin(1)
IIO = 1 mA, TA = 25°C
-5.5
-6.4
-7.5
V
VHOLD
Holding voltage(2)
IIO = 1 mA
5.8
V
VCLAMP
Clamping voltage
IPP = 1 A, TLP, from IO to GND
6.6
V
IPP = 5 A, TLP, from IO to GND
8.8
IPP = 1 A, TLP, from GND to IO
6.6
IPP = 5A, TLP, from GND to IO
8.8
ILEAK
Leakage current, any IO to GND
VIO = ±2.5 V
10
nA
RDYN
Dynamic Resistance
IO to GND
0.47
Ω
GND to IO
0.47
CL
Line Capacitance
VIO = 0 V, f = 1 MHz, IO to GND, TA
= 25°C
0.27
0.37
pF
ΔCL
Variation of Line Capacitance
Delta of capacitance between any
two IO pins, VIO = 0 V, f = 1 MHz, TA
= 25°C, GND = 0 V
0.01
0.07
pF
CCROSS
Channel to Channel Capacitance
Capacitance from one IO to another,
VIO = 0 V, f = 1 MHz, GND = 0 V
0.13
pF
6.6 Typical Characteristics
Figure 1. Positive TLP Curve
Figure 2. Negative TLP Curve


Similar Part No. - TPD4E02B04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR TECHPUBLIC-TPD4E02B04DQAR Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
Texas Instruments
TPD4E02B04QDQARQ1 TI1-TPD4E02B04QDQARQ1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results

Similar Description - TPD4E02B04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
logo
TECH PUBLIC Electronics...
TPD4E02B04DQAR-TP TECHPUBLIC-TPD4E02B04DQAR-TP Datasheet
1Mb / 5P
   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPESD3636P TECHPUBLIC-TPESD3636P Datasheet
1Mb / 5P
   4=Channel ESD Protection Diode for USB Type=C and HDMI 2.0
logo
Texas Instruments
ESD122 TI1-ESD122 Datasheet
1Mb / 28P
[Old version datasheet]   2-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD1E0B04 TI1-TPD1E0B04 Datasheet
889Kb / 22P
[Old version datasheet]   TPD1E0B04 1-Channel ESD Protection Diode for USB Type-C and Antenna Protection
TPD1E04U04 TI1-TPD1E04U04 Datasheet
3Mb / 24P
[Old version datasheet]   TPD1E04U04 1-Channel ESD Protection Diode with Low RDYN for HDMI 2.0 and USB 3.0
TPD1E01B04 TI1-TPD1E01B04 Datasheet
872Kb / 22P
[Old version datasheet]   TPD1E01B04 1-Channel ESD Protection Diode for USB Type-C and Thunderbolt 3
TPD8S009 TI1-TPD8S009_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-Channel ESD Protection for DisplayPort and HDMI
logo
Bourns Electronic Solut...
MF-NSMF075-2 BOURNS-MF-NSMF075-2_11 Datasheet
854Kb / 1P
   USB 2.0 - ESD & Overcurrent Protection
logo
Chrontel, Inc.
CH7216A CHRONTEL-CH7216A Datasheet
222Kb / 9P
   CH7216A DisplayPort to HDMI 2.0 Converter on USB Type C
Rev 1.2 2022-12-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com