Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E6B06 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD4E6B06
Description  4-CH Bidirectional Low Capacitance ESD Protection Device
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E6B06 Datasheet(HTML) 1 Page - Texas Instruments

  TPD4E6B06 Datasheet HTML 1Page - Texas Instruments TPD4E6B06 Datasheet HTML 2Page - Texas Instruments TPD4E6B06 Datasheet HTML 3Page - Texas Instruments TPD4E6B06 Datasheet HTML 4Page - Texas Instruments TPD4E6B06 Datasheet HTML 5Page - Texas Instruments TPD4E6B06 Datasheet HTML 6Page - Texas Instruments TPD4E6B06 Datasheet HTML 7Page - Texas Instruments TPD4E6B06 Datasheet HTML 8Page - Texas Instruments TPD4E6B06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GND
1
2
3
4
0.8 mm x 0.8mm X2SON Package
(Bottom View)
1
4
3
2
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD4E6B06
SLVSCK3A – MAY 2014 – REVISED DECEMBER 2015
TPD4E6B06 4-CH Bidirectional Low Capacitance ESD Protection Device With 15-kV
Contact and Ultra-Low Clamping Voltage
1 Features
3 Description
The TPD4E6B06 is a four channel electrostatic
1
IEC 61000-4-2 Level 4
discharge (ESD) protection device in an ultra small
±15 kV (Contact Discharge)
DPW package. It is the industry’s smallest 4-CH
±15 kV (Air Gap Discharge)
transient voltage suppressor (TVS) diode with a 0.48-
mm pitch. This larger pitch helps save on printed-
IEC 61000-4-5 (Surge): 3 A (8/20 µs)
circuit board (PCB) manufacturing costs. The device
IO Capacitance: 4.8 pF (Typ)
provides IEC61000-4-2 compliance up to 15-kV
RDYN: 0.75 Ω (Typ)
contact discharge. It has an ESD clamp circuit with
back-to-back diodes for bipolar/bidirectional signal
DC Breakdown Voltage: ±6 V (Min)
support. The 4.8-pF (typ) line capacitance is suitable
Ultra Low Leakage Current: 100 nA (Max)
for a wide range of applications supporting data rates
Clamping Voltage: 10 V (Max at IPP = 1 A)
up to 700 MHz.
Industrial Temperature Range: –40°C to 125°C
Device Information(1)
Space Saving DPW Package (0.8 mm × 0.8 mm)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
TPD4E6B06
X2SON (4)
0.80 mm × 0.80 mm
(1) For all available packages, see the orderable addendum at
Audio Lines
the end of the data sheet.
Microphone
Earphone
Speakerphone
SD Interface
SIM Interface
Mobile Keyboard or Other Buttons
Cell Phones
eBook
Portable Media Players
Digital Camera
Tablet PC
Wearables
Simplified Schematic
Pinout
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD4E6B06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E001 TI-TPD4E001 Datasheet
200Kb / 10P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001 TI-TPD4E001 Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001 TI1-TPD4E001 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001 Datasheet
797Kb / 18P
[Old version datasheet]   4-Channel ESD Protection Array With 1.5-pF I/O Capacitance
More results

Similar Description - TPD4E6B06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E101 TI1-TPD4E101 Datasheet
410Kb / 6P
[Old version datasheet]   4-CH Bidirectional Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0534TL CITC-T0534TL Datasheet
844Kb / 9P
   Low Capacitance ESD Protection Device
T0534VL CITC-T0534VL Datasheet
838Kb / 9P
   Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0501MB LUGUANG-LGLT0501MB Datasheet
1Mb / 6P
   Low Capacitance ESD Protection Device
LT0501MA LUGUANG-LT0501MA Datasheet
2Mb / 5P
   Low Capacitance ESD Protection Device
logo
Chip Integration Techno...
T0514VL CITC-T0514VL Datasheet
906Kb / 9P
   Low Capacitance ESD Protection Device
T0501MB CITC-T0501MB Datasheet
554Kb / 7P
   Low Capacitance ESD Protection Device
T0501MA CITC-T0501MA Datasheet
649Kb / 6P
   Low Capacitance ESD Protection Device
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com