Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU9HN65M2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STU9HN65M2
Description  N-channel 600 V, 0.71typ., 5.5 A MDmesh??M2 Power MOSFET in an IPAK package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU9HN65M2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STU9HN65M2 Datasheet HTML 4Page - STMicroelectronics STU9HN65M2 Datasheet HTML 5Page - STMicroelectronics STU9HN65M2 Datasheet HTML 6Page - STMicroelectronics STU9HN65M2 Datasheet HTML 7Page - STMicroelectronics STU9HN65M2 Datasheet HTML 8Page - STMicroelectronics STU9HN65M2 Datasheet HTML 9Page - STMicroelectronics STU9HN65M2 Datasheet HTML 10Page - STMicroelectronics STU9HN65M2 Datasheet HTML 11Page - STMicroelectronics STU9HN65M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STU9HN65M2
Revision history
DocID027605 Rev 2
11/12
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
11-Mar-2015
1
Initial release.
23-Apr-2015
2
Document status promoted to ‘Production data’.


Similar Part No. - STU9HN65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STU90N4F3 STMICROELECTRONICS-STU90N4F3 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
logo
SamHop Microelectronics...
STU9410 SAMHOP-STU9410 Datasheet
817Kb / 8P
   N-Channel E nhancement Mode F ield E ffect Transistor
logo
STMicroelectronics
STU95N2LH5 STMICROELECTRONICS-STU95N2LH5 Datasheet
342Kb / 15P
   N-channel 25 V - 0.0038 廓 - 80 A - DPAK - IPAK STripFET??V Power MOSFET
More results

Similar Description - STU9HN65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STN6N60M2 STMICROELECTRONICS-STN6N60M2 Datasheet
262Kb / 13P
   N-channel 600 V, 1.00 typ., 5.5 A MDmesh M2 Power MOSFET in an SOT223-2 package
May 2020 Rev 2
STFI12N60M2 STMICROELECTRONICS-STFI12N60M2 Datasheet
380Kb / 12P
   N-channel 600 V, 0.395 廓 typ., 9 A MDmesh??M2 Power MOSFET in an I짼PAKFP package
May 2015 Rev 1
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
   N-channel 600 V, 0.150 廓 typ., 20 A MDmesh??M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STL16N60M2 STMICROELECTRONICS-STL16N60M2 Datasheet
479Kb / 15P
   N-channel 600 V, 0.290 廓 typ., 8 A MDmesh??M2 Power MOSFET in a PowerFLAT??5x6 HV package
May 2015 Rev 1
STP15N60M2-EP STMICROELECTRONICS-STP15N60M2-EP Datasheet
518Kb / 14P
   N-channel 600 V, 0.340 廓 typ., 11 A MDmesh??M2 EP Power MOSFET in a TO-220 package
December 2014 Rev 2
STL12N60M2 STMICROELECTRONICS-STL12N60M2 Datasheet
474Kb / 15P
   N-channel 600 V, 0.400 廓 typ., 6.5 A MDmesh??M2 Power MOSFET in a PowerFLAT 5x6 HV package
May 2015 Rev 1
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
   N-channel 600 V, 0.175 廓 typ., 18 A MDmesh??M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com