Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPH110900 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPH110900
Description  1.5mm-travel Vertical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPH110900 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SPPH110900 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPH110900 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPH110900 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPH110900 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
131
131
SPPH1/1.5mm-travel Vertical Type
Style
0.35
0.6
10
7
2.2
2
0.4
Travel
Total travel
Terminal No.4
A
2.5
2.5
5
4
10
(1.5)
Travel
0.6
2.5
2.5
10
7
3.3
2.5
Total travel
A
2-R0.5
Terminal No.4
0.35
5
2.5
3.3
4
10
(1.8)
2-R0.5
ø0.9 hole
2.5
2.5
Thickness of PC board t=1.6mm
ø0.9 hole
2.5
2.5
Straight terminal
Snap-in terminal
Dimensions
Unit:mm
PC board mounting hole dimensions
(Viewed from the direction A)
No.
1
ø0.9 hole
2.5
2.5
Thickness of PC board t=1.6mm
ø0.9 hole
2.5
2.5
Straight terminal
Snap-in terminal
2
0.35
5
3.9
R1
5
0.35
12 3
45 6
Circuit Diagram(Viewed from Direction A)
Straight terminal
Snap-in terminal
Terminal Configuration
Unit:mm


Similar Part No. - SPPH110900

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPH110900 ALPS-SPPH110900 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
More results

Similar Description - SPPH110900

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPEF ALPS-SPEF_15 Datasheet
996Kb / 4P
   1.5mm-travel Vertical Type
SPPH1 ALPS-SPPH1 Datasheet
122Kb / 3P
   1.5mm-travel Vertical Type
SSAC ALPS-SSAC_15 Datasheet
870Kb / 4P
   1.5mm-travel, with External Knob Type
SPPJ6 ALPS-SPPJ6 Datasheet
204Kb / 2P
   1.5mm-travel Low-profile Horizontal Type
SSAC ALPS-SSAC Datasheet
257Kb / 3P
   1.5mm-travel, with External Knob Type
logo
SHINMEI ELECTRIC CO., L...
SLM-12-741 SHINMEI-SLM-12-741 Datasheet
43Kb / 3P
   1.5mm Travel Thin Type Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSAH ALPS-SSAH Datasheet
315Kb / 4P
   0.9(H)mm, 1.5mm-travel Surface Mount Type
SSAD ALPS-SSAD Datasheet
304Kb / 4P
   0.7(H)mm, 1.5mm-travel Surface Mount Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com